| Electronic Components Datasheet Search |
|
LXT386LE Datasheet(PDF) 17 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LXT386LE Datasheet(HTML) 17 Page - Intel Corporation |
|
17 / 78 page ![]() QUAD T1/E1/J1 Transceiver — LXT386 Datasheet 17 N12 55 TNEG3/ UBS3 DI DI Transmit Negative Data. Unipolar/Bipolar Select. N13 56 TPOS3/ TDATA3 DI DI Transmit Positive Data. Transmit Data. N14 57 TCLK3 DI Transmit Clock. K12 58 LOS2 DO Loss of Signal. M12 59 RNEG2/ BPV2 DO DO Receive Negative Data. Bipolar Violation Detect. M13 60 RPOS2/ RDATA2 DO DO Receive Positive Data. Receive Data. M14 61 RCLK2 DO Receive Clock. L12 62 TNEG2/ UBS2 DI DI Transmit Negative Data. Unipolar/Bipolar Select. L13 63 TPOS2/ TDATA2 DI DI Transmit Positive Data. Transmit Data. L14 64 TCLK2 DI Transmit Clock. K13 80 INT DO Interrupt. This active Low, maskable, open drain output requires an external 10k pull up resistor. If the corresponding interrupt enable bit is enabled, INT goes Low to flag the host when the LXT386 changes state (see details in the interrupt handling section). The microprocessor INT input should be set to level triggering. K14 81 ACK/ RDY/ SDO DO DO DO Data Transfer acknowledge (Motorola Mode). Ready (Intel mode). Serial Data Output (Serial Mode). Motorola Mode A Low signal during a databus read operation indicates that the information is valid. A Low signal during a write operation acknowledges that a data transfer into the addressed register has been accepted (acknowledge signal).Wait states only occur if a write cycle immediately follows a previous read or write cycle (e.g. read modify write). Intel Mode A High signal acknowledges that a register access operation has been completed (Ready Signal). A Low signal on this pin signals that a data transfer operation is in progress. The pin goes tristate after completion of a bus cycle. Serial Mode If CLKE is High, SDO is valid on the rising edge of SCLK. If CLKE is Low, SDO is valid on the falling edge of SCLK. This pin goes into high Z state during a serial port write access. Table 1. Pin Assignments and Signal Descriptions (Continued) Ball # PBGA Pin # LQFP Symbol I/O1 Description 1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply; N.C.: Not Connected. 2. N/C means “Not Connected” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |