Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 70 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 70 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 66Page - Intel Corporation LXT386LE Datasheet HTML 67Page - Intel Corporation LXT386LE Datasheet HTML 68Page - Intel Corporation LXT386LE Datasheet HTML 69Page - Intel Corporation LXT386LE Datasheet HTML 70Page - Intel Corporation LXT386LE Datasheet HTML 71Page - Intel Corporation LXT386LE Datasheet HTML 72Page - Intel Corporation LXT386LE Datasheet HTML 73Page - Intel Corporation LXT386LE Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
70
Datasheet
Figure 29. Serial Input Timing
Figure 30. Serial Output Timing
Table 51. Transformer Specifications3
Tx/Rx
Turns Ratio1
Primary
Inductance
mH
(min.)
Leakage
Inductance
µH
(max.)
Interwinding
Capacitance
pF
(max.)
DCR
Ω
(max.)
Dielectric Breakdown
Voltage
V2
(min.)
TX
1:2
1.2
0.60
60
0.70 pri
1.20 sec
1500 Vrms
RX
1:2
1.2
0.60
60
1.10 pri
1.10 sec
1500 Vrms
1. Transformer turns ratio accuracy is
± 2%.
1. This parameter is application dependent.LIU side: Line side.
2. Refer to the FAQ or Application Note 118 for recommended magnetics.
tCH
tCC
tCL
tCDH
tDC
tCDH
tCCH
tCWH
CS
SCLK
SDI
LSB
LSB
MSB
CONTROL BYTE
DATA BYTE
tCCH
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0123
4
56
7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
tCDZ
tCCH
tCDZ
CLKE = 0
CLKE = 1
SCLK
CS
CS
SDO
SCLK
01
2
3
4
56
7
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com