Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 12 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 12 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 8Page - Intel Corporation LXT386LE Datasheet HTML 9Page - Intel Corporation LXT386LE Datasheet HTML 10Page - Intel Corporation LXT386LE Datasheet HTML 11Page - Intel Corporation LXT386LE Datasheet HTML 12Page - Intel Corporation LXT386LE Datasheet HTML 13Page - Intel Corporation LXT386LE Datasheet HTML 14Page - Intel Corporation LXT386LE Datasheet HTML 15Page - Intel Corporation LXT386LE Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
12
Datasheet
F3
F2
F1
G3
88
87
86
85
A3
A2
A1
A0
DI
DI
DI
DI
Protected Monitoring/Address Select Inputs.
Hardware Mode
In hardware mode these pins are used to select a specific port for non
intrusive monitoring. During protection monitoring receiver 0 inputs are
internally connected to a specific transmit or receive port. Receiver 0
routes the data from the selected port to its data and clock recovery
circuits. The data on the monitor port can be routed to TTIP0/TRING0 by
activating the remote loopback for channel 0 (TCLK0 must be active in
order for this operation to take place). In addition, the recovered clock and
data can be observed at the RCLK0/RPOS0/RNEG0 outputs.
If A0-A3 are Low, the LXT386 is configured as a quad line transceiver
without monitoring capability.
Transmitter monitoring is not supported when the respective channel is set
to analog loopback mode.
Host Mode
In non-multiplexed host mode, these pins function as non-multiplexed
address pins.
Table 1.
Pin Assignments and Signal Descriptions (Continued)
Ball #
PBGA
Pin #
LQFP
Symbol
I/O1
Description
1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply;
N.C.: Not Connected.
2. N/C means “Not Connected”
A3
A2
A1
A0
Selection
0
0
0
0
No Protection Monitoring
0
0
0
1
Receiver 1
0
0
1
0
Receiver 2
0
0
1
1
Receiver 3
0
1
0
0
Reserved
0
1
0
1
Reserved
0
1
1
0
Reserved
0
1
1
1
Reserved
1
0
0
0
No Protection Monitoring
1
0
0
1
Transmitter 1
1
0
1
0
Transmitter 2
1
0
1
1
Transmitter 3
1
1
0
0
Reserved
1
1
0
1
Reserved
1
1
1
0
Reserved
1
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com