Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 75 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 75 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 70Page - Intel Corporation LXT386LE Datasheet HTML 71Page - Intel Corporation LXT386LE Datasheet HTML 72Page - Intel Corporation LXT386LE Datasheet HTML 73Page - Intel Corporation LXT386LE Datasheet HTML 74Page - Intel Corporation LXT386LE Datasheet HTML 75Page - Intel Corporation LXT386LE Datasheet HTML 76Page - Intel Corporation LXT386LE Datasheet HTML 77Page - Intel Corporation LXT386LE Datasheet HTML 78Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
75
6.1
Recommendations and Specifications
AT&T Pub 62411
ANSI T1.102 - 199X Digital Hierarchy Electrical Interface
ANSI T1.231 -1993 Digital Hierarchy Layer 1 In-Service Digital Transmission Performance
Monitoring
Bellcore TR-TSY-000009 Asynchronous Digital Multiplexes Requirements and Objectives
Bellcore GR-253-CORE SONET Transport Systems Common Generic Criteria
Bellcore GR-499-CORE Transport Systems Generic Requirements
G.703
Physical/electrical characteristics of hierarchical digital interfaces
G. 704 Functional characteristics of interfaces associated with network nodes
G.735
Characteristics of Primary PCM multiplex equipment operating at 2048 kbit/s and
offering digital access at
384 kbit/s and/or synchronous digital access at 64 kbit/s
G.736
Characteristics of a synchronous digital multiplex equipment operating at 2048 kbit/s
G.772
Protected Monitoring Points provided on Digital Transmission Systems
G.775
Loss of signal (LOS) and alarm indication (AIS) defect detection and clearance criteria
G.783 Characteristics of Synchronous Digital Hierarchy (SDH) Equipment Functional Blocks
G.823
The control of jitter and wander within digital networks which are based on the 2048 kbit/
s hierarchy
O.151
Specification of instruments to measure error performance in digital systems
OFTEL OTR-001 Short Circuit Current Requirements
ETS 300166 Physical and Electrical Characteristics
ETS 300386-1 Electromagnetic Compatibility Requirement
Figure 35. Output Jitter for CTR12/13 applications
0.2
0.15
0.1
0.05
0
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
Frequency
20 Hz
LXT386 typ, f 3dB = 2.5Hz & 3.5 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com