Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 69 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 69 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 65Page - Intel Corporation LXT386LE Datasheet HTML 66Page - Intel Corporation LXT386LE Datasheet HTML 67Page - Intel Corporation LXT386LE Datasheet HTML 68Page - Intel Corporation LXT386LE Datasheet HTML 69Page - Intel Corporation LXT386LE Datasheet HTML 70Page - Intel Corporation LXT386LE Datasheet HTML 71Page - Intel Corporation LXT386LE Datasheet HTML 72Page - Intel Corporation LXT386LE Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
69
g
Figure 28. Multiplexed Motorola Mode Write Timin
Table 50. Serial I/O Timing Characteristics
Parameter
Sym
Min
Typ1
Max
Unit
Test Condition
Rise/fall time any pin
Trf
-
-
100
ns
Load 1.6mA, 50 pF
SDI to SCLK setup time
Tdc
5
-
-
ns
SCLK to SDI hold time
Tcdh
5
-
-
ns
SCLK Low time
Tcl
25
-
-
ns
SCLK High time
Tch
25
-
-
ns
SCLK rise and fall time
Tr, Tf
-
-
50
ns
CS falling edge to SCLK rising edge
Tcc
10
-
-
ns
Last SCLK edge to CS rising edge
Tcch
10
-
-
ns
CS inactive time
Tcwh
50
-
-
ns
SCLK to SDO valid delay time
Tcdv
-
-
5
ns
SCLK falling edge or CS rising edge to
SDO High Z
Tcdz
-
10
-
ns
1. Typical figures are at 25 C
° and are for design aid only; not guaranteed and not subject to production testing.
ADDRESS
D7-D0
tDSAS
tHRW
tHCS
tHDW
tINT
tDACK
tSDW
WRITE DATA
tDACKP
tVDS
tASDS
tSAS
tHAS
tSRW
tVAS
tSCS
AS
R/W
CS
DS
INT
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com