Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 56 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 56 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 52Page - Intel Corporation LXT386LE Datasheet HTML 53Page - Intel Corporation LXT386LE Datasheet HTML 54Page - Intel Corporation LXT386LE Datasheet HTML 55Page - Intel Corporation LXT386LE Datasheet HTML 56Page - Intel Corporation LXT386LE Datasheet HTML 57Page - Intel Corporation LXT386LE Datasheet HTML 58Page - Intel Corporation LXT386LE Datasheet HTML 59Page - Intel Corporation LXT386LE Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
56
Datasheet
Data decision threshold
SRE
43
50
57
%
Rel. to peak input voltage
Data slicer threshold
––
150
–
mV
Loss of signal threshold
––
200
–
mV
LOS hysteresis
––
50
–
mV
Consecutive zeros before loss of signal
––
32
2048
––
G.775 recommendation
ETSI 300 233 specification
LOS reset
–
12.5%
––
–
1’s density
Low limit
input jitter
tolerance 1
1Hz to 20Hz
20Hz to 2.4kHz
18kHz to 100kHz
–
36
1.5
0.2
––
U.I.
U.I.
U.I.
G735 recommendation
Note 1
Cable Attenuation is 6 dB
Differential receiver input impedance
––
70
–
k
Ω
@1.024 MHz
Input termination resistor tolerance
–––
±1
%
Common mode input impedance to ground
––
20
–
k
Ω
Input return
loss1
51 kHz - 102 kHz
102 - 2048 kHz
2048kHz - 3072 kHz
–
20
20
20
–
dB
dB
dB
Measured against nominal
impedance using
components in the LXD384
evaluation board.
LOS delay time
––
30
–
µs
Data recovery mode
LOS reset
–
10
–
255
marks
Data recovery mode
Receive intrinsic jitter, RCLK output
––
0.040
0.0625
U.I.
Wide band jitter
Receive
path delay
Bipolar mode
1
U.I.
JA Disabled
Unipolar mode
6
U.I.
Table 39. T1 Transmit Transmission Characteristics
Parameter
Sym
Min
Typ
Max
Unit
Test Condition
Output pulse amplitude
–
2.4
3.0
3.6
V
Measured at the DSX
Peak voltage of a space
–
-0.15
–
+0.15
V
Driver output impedance1
––
1
–
Ω
@ 772 KHz
Transmit amplitude variation with power
supply
–
-1
–
+1
%
Ratio of positive to negative pulse amplitude
–
0.95
–
1.05
–
T1.102, isolated pulse
Difference between pulse sequences
––
–
200
mV
For 17 consecutive
pulses, GR-499-CORE
Pulse width variation at half amplitude
––
–
20
ns
Jitter added by
Transmitter1
10Hz - 8KHz
8KHz - 40KHz
10Hz - 40KHz
Wide Band
––
–
0.020
0.025
0.025
0.050
UIpk-pk
AT&T Pub 62411
TCLK is jitter free.
1. Guaranteed by design and other correlation methods.
2. Power measured in a 3 KHz bandwidth at the point the signal arrives at the distribution frame for an all 1’s pattern.
Table 38. E1 Receive Transmission Characteristics (Continued)
Parameter
Sym
Min
Typ
Max
Unit
Test Condition
1. Guaranteed by design and other correlation methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com