Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 54 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 54 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 50Page - Intel Corporation LXT386LE Datasheet HTML 51Page - Intel Corporation LXT386LE Datasheet HTML 52Page - Intel Corporation LXT386LE Datasheet HTML 53Page - Intel Corporation LXT386LE Datasheet HTML 54Page - Intel Corporation LXT386LE Datasheet HTML 55Page - Intel Corporation LXT386LE Datasheet HTML 56Page - Intel Corporation LXT386LE Datasheet HTML 57Page - Intel Corporation LXT386LE Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
54
Datasheet
Average Transmitter Power Supply Current,
T1 Mode 1, 2, 3
ITVCC
-
215
110
245
-
mA
mA
100% 1’s
50% 1’s
Average Digital Power Supply Current 1, 4
IVCC
-50
60
mA
Output load at TTIP and TRING
Rl
25
––
Ω
Device Power Consumption
Mode
TVCC
Load
LEN
Typ
Max1,2
Unit
Test
Condition
E1
3.3V
75
Ω
000
-
-
440
-
mW
50% 1’s
-
-
-
680
mW
100% 1’s
120
Ω
000
-
-
400
-
mW
50% 1’s
-
-
-
600
mW
100% 1’s
T13
3.3V
100
Ω
101-111
-
-
550
-
mW
50% 1’s
-
-
-
1025
mW
100% 1’s
E1
5.0V
75
Ω
000
-
-
610
-
mW
50% 1’s
-
-
-
930
mW
100% 1’s
120
Ω
000
-
-
540
-
mW
50% 1’s
-
-
-
810
mW
100% 1’s
T13
5.0V
100
Ω
101-111
-
-
830
-
mW
50% 1’s
-
-
-
1400
mW
100% 1’s
Table 36. DC Characteristics
Parameter
Sym
Min
Typ
Max
Unit
Test Condition
High level input voltage
V
ih
2
––
V
Low level input voltage
V
il
––
0.8
V
High level output voltage1
V
oh
2.4
–
VCC
V
I
OUT= 400µA
Low level output voltage1
V
ol
––
0.4
V
I
OUT= 1.6mA
MODE,
LOOP0-3
and
JASEL
Low level input voltage
Vinl
––
1/3VCC-0.2
V
Midrange level input
voltage
Vinm
1/3VCC+0.2
1/2VCC
2/3VCC-0.2
V
High level input voltage
Vinh
2/3VCC+0.2
––
V
Low level input current
Iinl
––
50
µA
High level input current
Iinh
––
50
µA
1. Output drivers will output CMOS logic levels into CMOS loads.
Table 35. Recommended Operating Conditions (Continued)
Parameter
LEN
Sym
Min
Typ
Max
Unit
Test
Condition
1. Maximum power and current consumption over the full operating temperature and power supply voltage range. Includes all
channels.
2. Power consumption includes power absorbed by line load and external transmitter components.
3. T1 maximum values measured with maximum cable length (LEN = 111). Typical values measured with typical cable length
(LEN = 101).
4. Digital inputs are within 10% of the supply rails and digital outputs are driving a 50pF load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com