Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 63 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 63 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 59Page - Intel Corporation LXT386LE Datasheet HTML 60Page - Intel Corporation LXT386LE Datasheet HTML 61Page - Intel Corporation LXT386LE Datasheet HTML 62Page - Intel Corporation LXT386LE Datasheet HTML 63Page - Intel Corporation LXT386LE Datasheet HTML 64Page - Intel Corporation LXT386LE Datasheet HTML 65Page - Intel Corporation LXT386LE Datasheet HTML 66Page - Intel Corporation LXT386LE Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
63
Figure 22. Multiplexed Intel Read Timing
Table 47. Intel Mode Write Timing Characteristics
Parameter2
Sym
Min
Typ1
Max
Unit
Test Conditions
Address setup time to latch
Tsalw
10
––
ns
Valid address latch pulse width
Tvl
30
––
ns
Latch active to active write setup time
Tslw
10
––
ns
Chip select setup time to active write
Tscsw
0
––
ns
Chip select hold time from inactive write
Thcsw
0
––
ns
Address hold time from inactive ALE
Thalw
5
ns
Data valid to write active setup time
Tsdw
40
––
ns
Data hold time to active write
Thdw
30
––
ns
Address setup time to WR inactive
Thaw
2
––
ns
Address hold time from WR inactive
Tsaw
6
––
ns
1. Typical figures are at 25 C and are for design aid only; not guaranteed and not subject to production testing.
2. CL= 100pF on D0-D7, all other outputs are loaded with 50pF.
3. These times don’t apply for Reset Register 0Ah, since RDY line goes low once during the cycle. Please refer to Reset
Operation and Host Mode sections for more information.
ALE
RDY
Tristate
Tristate
ADDRESS
AD7-AD0
DATA OUT
tVL
tSLR
tSCSR
tVRD
tHSCR
tPRD
tZRD
tINT
tRDYZ
tVRDY
tDRDY
tDRDY
tSALR
tHALR
CS
RD
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com