Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 68 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 68 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 64Page - Intel Corporation LXT386LE Datasheet HTML 65Page - Intel Corporation LXT386LE Datasheet HTML 66Page - Intel Corporation LXT386LE Datasheet HTML 67Page - Intel Corporation LXT386LE Datasheet HTML 68Page - Intel Corporation LXT386LE Datasheet HTML 69Page - Intel Corporation LXT386LE Datasheet HTML 70Page - Intel Corporation LXT386LE Datasheet HTML 71Page - Intel Corporation LXT386LE Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
68
Datasheet
Data strobe inactive to address strobe inactive delay
Tdsas
15
––
ns
Active data strobe to ACK output enable time
Tdack
0
–
12
ns
DS asserted to ACK asserted delay
Tdackp
–
40
ns
Figure 27. Non-Multiplexed Motorola Mode Write Timing
Table 49. Motorola Mode Write Timing Characteristics (Continued)
Parameter2
Sym
Min
Typ1
Max
Unit
Test Conditions
1. Typical figures are at 25 C and are for design aid only; not guaranteed and not subject to production testing.
2. CL= 100pF on D0-D7, all other outputs are loaded with 50pF.
A4-A0
ADDRESS
D7-D0
tSAS
tHAS
tSRW
tSCS
tVDS
tDACKP
tHRW
tHCS
tSDW
tHDW
WRITE DATA
tINT
tDACK
AS
R/W
CS
INT
ACK
DS
(pulled High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com