Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 28 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 28 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 24Page - Intel Corporation LXT386LE Datasheet HTML 25Page - Intel Corporation LXT386LE Datasheet HTML 26Page - Intel Corporation LXT386LE Datasheet HTML 27Page - Intel Corporation LXT386LE Datasheet HTML 28Page - Intel Corporation LXT386LE Datasheet HTML 29Page - Intel Corporation LXT386LE Datasheet HTML 30Page - Intel Corporation LXT386LE Datasheet HTML 31Page - Intel Corporation LXT386LE Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
28
Datasheet
A capacitor, charged via a measure of the driver output current and discharged by a measure of the
maximum allowable current, is used to detect a secondary short failure. Secondary shorted lines
draw excess current, overcharging the cap. When the capacitor charge deviates outside the nominal
charge window, a driver short circuit fail (DFM) is reported in the respective register by setting an
interrupt. During a long string of spaces, a short-induced overcharge eventually bleeds off, clearing
the DFM flag.
Note that unterminated lines of adequate length (
λ/4) may effectively behave as short-circuits as
seen by the driver and therefore trigger the DFM. Under these circumstances, the alarm should be
disabled.
In addition, LXT386 features output driver short-circuit protection. When the output current
exceeds 100 mA, LXT386 limits the driver’s output voltage to avoid damage.
3.5
Line Protection
Figure 7 on page 29 shows recommended line interface circuitry. In the receive side, the 1 k
Ω
series resistors protect the receiver against current surges coupled into the device. Due to the high
receiver impedance (70 k
Ω typical) the resistors do not affect the receiver sensitivity. In the
transmit side, the Schottky diodes D1-D4 protect the output driver.While not mandatory for normal
operation, these protection elements are strongly recommended to improve the design robustness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com