Electronic Components Datasheet Search
  English  ▼

X  

LXT386LE Datasheet(PDF) 51 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 51 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 47Page - Intel Corporation LXT386LE Datasheet HTML 48Page - Intel Corporation LXT386LE Datasheet HTML 49Page - Intel Corporation LXT386LE Datasheet HTML 50Page - Intel Corporation LXT386LE Datasheet HTML 51Page - Intel Corporation LXT386LE Datasheet HTML 52Page - Intel Corporation LXT386LE Datasheet HTML 53Page - Intel Corporation LXT386LE Datasheet HTML 54Page - Intel Corporation LXT386LE Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
51
5.5.3
Instruction Register (IR)
The IR is a 3 bit shift register that loads the instruction to be performed. The instructions are shifted
LSB first. Table 33 shows the valid instruction codes and the corresponding instruction description.
Table 32. Analog Port Scan Register (ASR)
ASR Control Code
AT1 Forces Voltage To:
AT2 Senses Voltage From:
11111
TTIP0
TRING0
11110
TTIP1
TRING1
11101
TTIP2
TRING2
11100
TTIP3
TRING3
11011
Reserved
11010
Reserved
11001
Reserved
11000
Reserved
10111
RTIP0
RRING0
10110
RTIP1
RRING1
10101
RTIP2
RRING2
10100
RTIP3
RRING3
10011
Reserved
10010
Reserved
10001
Reserved
10000
Reserved
Table 33. Instruction Register (IR)
Instruction
Code #
Comments
EXTEST
000
Connects the BSR to TDI and TDO. Input pins values are loaded into the BSR.
Output pins values are loaded from the BSR.
INTEST_ANALOG
010
Connects the ASR to TDI and TDO. Allows voltage forcing/sensing through AT1 and
AT2. Refer to Table 32.
SAMPLE / PRELOAD
100
Connects the BSR to TDI and TDO. The normal path between the LXT386 logic and
the I/O pins is maintained. The BSR is loaded with the signals in the I/O pins.
IDCODE
110
Connects the IDR to the TDO pin.
BYPASS
111
Serial data from the TDI input is passed to the TDO output through the 1 bit Bypass
Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com