Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 66 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 62Page - ATMEL Corporation AVR32AP Datasheet HTML 63Page - ATMEL Corporation AVR32AP Datasheet HTML 64Page - ATMEL Corporation AVR32AP Datasheet HTML 65Page - ATMEL Corporation AVR32AP Datasheet HTML 66Page - ATMEL Corporation AVR32AP Datasheet HTML 67Page - ATMEL Corporation AVR32AP Datasheet HTML 68Page - ATMEL Corporation AVR32AP Datasheet HTML 69Page - ATMEL Corporation AVR32AP Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 181 page
background image
66
32001A–AVR32–06/06
AVR32
Figure 5-3.
BTB entry.
5.2.5
BTB update policy
A new entry is stored in the BTB when the following conditions are met:
• The branch instruction or the branch-folded instruction has executed, i.e. left A1.
• The branch was taken
• The branch is not currently in the BTB
• Branch prediction is enabled
Once a branch is stored in the BTB, the history bits are updated upon every execution of the
branch. When a new branch is detected, the counter is initialized to Strong Taken, and the Valid
bit is set.
5.2.6
Reset
Branch prediction is enabled after reset. All valid bits in the BTB are cleared after reset.
5.2.7
Invalidation
The BTB is invalidated when one or more of the following events occur:
• Reset
• The instruction cache is invalidated
• The ASID part of the TLBEHI system register is written
• The BTB Invalidate (BI) bit in the CPUCR system register
The application may manually need to invalidate the BTB after executing self-modifying code, in
order to avoid false predictions.
Important note:
As mentioned above, the BTB is invalidated when the ASID field in TLBEHI is written. As shown
in Table 2-2, “System Registers implemented in AVR32 AP,” on page 10, TLBEHI is accessed
through the TCB bus. This implies that several instructions can be present upstream in the pipe-
line when TLBEHI is written. However, writing to ASID does not cause the pipeline to be flushed.
The user must therefore ensure that predicted instructions is not fetched and sent down the
Weak Not Taken
00
Weak Taken
10
Strong Not Taken
01
Strong Taken
11
Branch taken
Branch not taken
Branch not taken
Branch not taken
Branch taken
Branch not taken
Branch taken
Branch taken



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com