Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 22Page - ATMEL Corporation AVR32AP Datasheet HTML 23Page - ATMEL Corporation AVR32AP Datasheet HTML 24Page - ATMEL Corporation AVR32AP Datasheet HTML 25Page - ATMEL Corporation AVR32AP Datasheet HTML 26Page - ATMEL Corporation AVR32AP Datasheet HTML 27Page - ATMEL Corporation AVR32AP Datasheet HTML 28Page - ATMEL Corporation AVR32AP Datasheet HTML 29Page - ATMEL Corporation AVR32AP Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 181 page
background image
26
32001A–AVR32–06/06
AVR32
3.8.2
Forwarding sources
All operations that produce valid results are forwarded. All data are forwarded directly from the
inputs of pipeline registers. The following figure shows the forwarding sources, and the name of
the forwarded signals. Each of the forwarded signals carry a word-sized value. Pipeline registers
are illustrated as a thick black line, the load modification unit is illustrated as a gray box.
Figure 3-3.
Forwarding sources
3.8.3
Forwarding destinations
The forwarded data is input to the IS stage. The IS stage has logic deciding whether the value
read from the register file is valid, or if a forwarded value should be used. This is illustrated in
Figure 3-4. Forwarded data is shown with bent arrows, and data from the previous pipeline
stage is shown in straight arrows. The forwarded value really consists of all the possible forward
values described in Figure 3-3, but is shown as a single value for simplicity. The prefetch unit
also receives forwarded data. This data is used for calculating an instruction fetch address for
change-of-flow instructions. Target addresses for change-of-flow instructions are produced
either by the A1 stage, or the WB stage.
A1
M1
M2
D
A2
Integer unit
Load-store unit
ALU pipe
Multiply pipe
Data pipe
fwd_dataA fwd_dataB
WB
Load
Mod
fwd_a1
fwd_mul
fwd_a2
DA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com