Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 50Page - ATMEL Corporation AVR32AP Datasheet HTML 51Page - ATMEL Corporation AVR32AP Datasheet HTML 52Page - ATMEL Corporation AVR32AP Datasheet HTML 53Page - ATMEL Corporation AVR32AP Datasheet HTML 54Page - ATMEL Corporation AVR32AP Datasheet HTML 55Page - ATMEL Corporation AVR32AP Datasheet HTML 56Page - ATMEL Corporation AVR32AP Datasheet HTML 57Page - ATMEL Corporation AVR32AP Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 181 page
background image
54
32001A–AVR32–06/06
AVR32
4.2.2.3
Page Table Base Register - PTBR
This register points to the start of the page table structure. The register is not used by hardware,
and can only be modified by software. The register is meant to be used by the MMU-related
exception routines.
4.2.2.4
TLB Exception Address Register - TLBEAR
This register contains the virtual address that caused the most recent MMU-related exception.
The register is updated by hardware when such an exception occurs.
4.2.2.5
MMU Control Register - MMUCR
The MMUCR controls the operation of the MMU. The MMUCR has the following fields:
• DRP - Data TLB Replacement Pointer. DRP points to the TLB entry to overwrite when a new
entry is loaded by the tlbw instruction. The DRP field is incremented automatically by
hardware upon every tlbw instruction. If DRP wraps around after such an incrementation,
DRP is set to the value indicated by DLA. The DRP field can also be written by software,
allowing the exception routine to implement a replacement algorithm in software. The DRP
field is 5 bits wide, to support 32 entries in the UTLB.
When a DTLB protection exception, DTLB modified exception, or ITLB protection exception
occurs on a valid page, the DRP is set to the index of that page.
• DLA - Data TLB Lockdown Amount. Specified the number of locked down TLB entries. All
TLB entries from entry 0 to entry (DLA-1) are locked down. If DLA equals zero, no entries are
locked down. A DLA setting does not prevent the programmer from modifying an entry in the
TLB. DLA is only used when the tlbw autoincrement of DRP causes DRP to wrap.
• S - Segmentation Enable. If set, the segmented memory model is used in the translation
process. If cleared, the memory is regarded as unsegmented. The S bit is set after reset.
• N - Not Found. Set if the entry searched for by the TLB Search instruction (tlbs) was not
found in the TLB.
• I - Invalidate. Writing this bit to one invalidates all TLB entries. The bit is always read as zero.
• M - Mode. Selects whether the shared virtual memory mode or the private virtual memory
mode should be used. The M bit determines how the TLB address comparison should be
performed, see Table 4-4.
• E - Enable. If set, the MMU page translation is enabled. If cleared, no page translation is
performed.
4.2.2.6
TLB Accessed Register HI - TLBARHI
TLBARHI is not implemented since only 32 TLB entries are present.
Table 4-4.
MMU mode implied by the M bit
MMode
0
Private Virtual Memory
1
Shared Virtual Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com