Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 88 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 84Page - ATMEL Corporation AVR32AP Datasheet HTML 85Page - ATMEL Corporation AVR32AP Datasheet HTML 86Page - ATMEL Corporation AVR32AP Datasheet HTML 87Page - ATMEL Corporation AVR32AP Datasheet HTML 88Page - ATMEL Corporation AVR32AP Datasheet HTML 89Page - ATMEL Corporation AVR32AP Datasheet HTML 90Page - ATMEL Corporation AVR32AP Datasheet HTML 91Page - ATMEL Corporation AVR32AP Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 181 page
background image
88
32001A–AVR32–06/06
AVR32
9.1.2.3
Transmit Queue
Trace and watchpoint messages are inserted into the Transmit Queue (TXQ) before being trans-
mitted on the AUX port. This provides some flexibility between the peak rate of trace message
generation and the average rate of message transmission on the AUX port.
9.1.2.4
Flow Control Unit
The Flow Control Unit (FCU) can bring the CPU into and out of Debug Mode, and control the
CPU operation in Debug Mode. The behavior is controlled by accessing OCD registers.
Debug Mode can be configured as OCD Mode or Monitor Mode. In OCD mode, The CPU
fetches instructions from the Debug Instruction Register. If the register is empty, the CPU is
halted. In Monitor Mode, the CPU fetches debug instructions from a monitor code in the program
memory, and the Debug Instruction Register is not used.
The FCU also handles single stepping by returning the CPU to normal mode, letting the CPU
fetch one instruction from the program memory, and then returning to Debug Mode on the fol-
lowing instruction.
9.1.2.5
Breakpoint modules
A number of instruction and data breakpoint modules can be configured for run-time monitoring
of the instruction fetches and data accesses by the CPU. The modules can report if the moni-
tored operation matches a predefined address, alternatively, also a data value. The modules
operate on virtual addresses.
A breakpoint will bring the CPU into Debug Mode. Watchpoints are reported to the debugger,
but does not affect CPU operation. A watchpoint can also be configured to start or stop data and
program trace.
The breakpoint modules can be combined to produce a watchpoint or breakpoint. Complex
breakpoint/watchpoint conditions are supported, e.g. trigger when a specific procedure writes a
certain variable with a specific value.
9.1.2.6
Program and Data Trace
The Program Trace Unit sends Branch Trace Messages to the debugger, which allows the pro-
gram flow to be reconstructed. To keep the amount of debug information low to save bandwidth,
only change of program flow are reported (such as unconditional branches, taken conditional
branches interrupts, exceptions, return operations, and load operations with PC as destination),
hence the term "branch tracing". Messages are typically relative to the previously transmitted
message, to be able to compress information as much as possible. Thus, the trace messages
are sent out in temporal order, and regularly, synchronization messages with uncompressed,
absolute addresses, are transmitted in case synchronization is lost.
The Data Trace Unit similarly traces data accesses, for read or write accesses, or both. Similar
relative address compression and synchronization schemes are used for Data Trace Messages.
Since new trace messages can be generated before the previous ones have been transmitted,
all trace messages are queued before being transmitted by the AUX interface. If the queue over-
flows, the CPU can be halted to avoid losing trace information, or an error message followed by
synchronization trace messages will be transmitted.
9.1.2.7
RTOS debug support
Applications developed on an RTOS platform places special requirements on the OCD controller
and the debug software. For high-level debugging, the user will want to see which process is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com