Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 62 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 58Page - ATMEL Corporation AVR32AP Datasheet HTML 59Page - ATMEL Corporation AVR32AP Datasheet HTML 60Page - ATMEL Corporation AVR32AP Datasheet HTML 61Page - ATMEL Corporation AVR32AP Datasheet HTML 62Page - ATMEL Corporation AVR32AP Datasheet HTML 63Page - ATMEL Corporation AVR32AP Datasheet HTML 64Page - ATMEL Corporation AVR32AP Datasheet HTML 65Page - ATMEL Corporation AVR32AP Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 181 page
background image
62
32001A–AVR32–06/06
AVR32
4.3.3.1
ITLB / DTLB Multiple Hit
If multiple matching entries are found when searching the TLB, or matching entries are found in
a segment translated area, this exception is issued. This situation is a critical error, since mem-
ory consistency can no longer be guaranteed. The exception hardware therefore jumps to the
reset vector, where software should execute the required reset code. This exception is a sign of
erroneous code and is not normally generated.
The software handler should perform a normal system restart. However, debugging code may
be inserted in the handler.
4.3.3.2
ITLB / DTLB Miss
This exception is issued if no matching entries are found in the TLB, or when a matching entry is
found with the Valid bit cleared.
1.
Examine the TLBEAR and TLBEHI registers in order to identify the page that caused
the fault. Use this to index the page table pointed to by PTBR and fetch the desired
page table entry.
2.
Use the fetched page table entry to update the necessary bits in TLBEHI and TLBELO.
The following bits must be updated, not all bits apply to ITLB entries: V, PFN, C, G, B,
AP[2:0], SZ[1:0], W, D.
3.
The replacement pointer in MMUCR[DRP] may be written to manually choose which
entry to replace.
4.
Execute the tlbw instruction in order to update the TLB entry.
5.
Finish the exception handling and return to the application by executing the rete
instruction.
4.3.3.3
ITLB / DTLB Protection Violation
This exception is issued if one of the following occur:
• Access to a privileged segment in application mode.
• Access to a page translated area, and the access permissions on the matching page does
not allow that type of access. MMUCR[DRP] is updated to point to the matching TLB entry.
Software must examine the TLBEAR and TLBEHI registers in order to identify the instruction
and process that caused the error. Corrective measures like terminating the process must then
be performed before returning to normal execution with rete.
4.3.3.4
DTLB Modified
This exception is issued if a valid memory write operation is performed to a page that has never
been written before. This is detected by the Dirty-bit in the matching TLB entry reading zero.
1.
Examine the TLBEAR and TLBEHI registers in order to identify the page that caused
the fault. Use this to index the page table pointed to by PTBR and fetch the desired
page table entry.
2.
Set the Dirty bit in the read page table entry and write this entry back to the page table
3.
Use the fetched page table entry to update the necessary bits in TLBEHI and TLBELO.
The following bits must be updated: V, PFN, C, G, B, AP[2:0], SZ[1:0], W, D.
4.
The TLBEHI[I] register is cleared by hardware to indicate that it was a data access, and
MMUCR[DRP] is updated to point to the matching TLB entry.
5.
Execute the tlbw instruction in order to update the TLB entry.
6.
Finish the exception handling and return to the application by executing the rete
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com