Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 66Page - ATMEL Corporation AVR32AP Datasheet HTML 67Page - ATMEL Corporation AVR32AP Datasheet HTML 68Page - ATMEL Corporation AVR32AP Datasheet HTML 69Page - ATMEL Corporation AVR32AP Datasheet HTML 70Page - ATMEL Corporation AVR32AP Datasheet HTML 71Page - ATMEL Corporation AVR32AP Datasheet HTML 72Page - ATMEL Corporation AVR32AP Datasheet HTML 73Page - ATMEL Corporation AVR32AP Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 181 page
background image
70
32001A–AVR32–06/06
AVR32
6.2
Cache operations
All cache operations are initiated through the CACHE instruction. See the Instruction Set
Description for the format of the CACHE instruction.
The following cache operations are defined for the ICache:
6.2.1
The Flush operation
The flush operation is used to reset the contents of the cache. This is done automatically at
reset, and may be used at the programmers discretion at other times. The parameter is used to
select one of the following flush modes:
6.2.2
The Invalidate operation
The invalidate operation will try to invalidate the line containing the address given by the param-
eter. The address is treated as a virtual address, and is translated to a physical address by the
MMU. If the line exists in the cache, it is marked as invalid and unlocked. Otherwise nothing is
done. If any MMU exceptions happen, the operation is silently aborted.
6.2.3
The Lock operation
The lock operation will try to lock the line containing the address given by the parameter into the
cache. The address is treated as a virtual address, and is translated to a physical address by the
MMU. If the line exists in the cache, the lock bit is set. If the line does not exist in the cache, it will
be fetched from the bus and locked - even if the area is uncacheable. If any exceptions happen
- MMU or bus exceptions - the operation is silently aborted. If the requested address maps to a
set with four lines already locked, the operation is silently aborted.
Table 6-1.
ICache operations
Op[4:3]
Op[2:0]
Operation
Parameter
00
000
Flush
Flush mode
00
001
Invalidate
Virtual Address
00
010
Lock
Virtual Address
00
011
Unlock
Virtual Address
00
100
Prefetch
Virtual Address
00
101
Reserved
N/A
00
110
Reserved
N/A
00
111
Reserved
N/A
Other
xxx
Reserved for other caches
N/A
Table 6-2.
ICache flush modes
Mode
Name
Description
0
Flush all
All lines are invalidated and unlocked, including locked ones.
1
Flush unlocked
Invalidate all unlocked lines.
2
Unlock all
All locked lines are unlocked, but no lines are invalidated.
Others
Undefined
Should not be used - operation is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com