Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 31Page - ATMEL Corporation AVR32AP Datasheet HTML 32Page - ATMEL Corporation AVR32AP Datasheet HTML 33Page - ATMEL Corporation AVR32AP Datasheet HTML 34Page - ATMEL Corporation AVR32AP Datasheet HTML 35Page - ATMEL Corporation AVR32AP Datasheet HTML 36Page - ATMEL Corporation AVR32AP Datasheet HTML 37Page - ATMEL Corporation AVR32AP Datasheet HTML 38Page - ATMEL Corporation AVR32AP Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 181 page
background image
35
32001A–AVR32–06/06
AVR32
3.11.1
Description of events in AVR32 AP
3.11.1.1
Reset Exception
The Reset exception is generated when the reset input line to the CPU is asserted. The Reset
exception can not be masked by any bit. The Reset exception resets all synchronous elements
and registers in the CPU pipeline to their default value, and starts execution of instructions at
address 0xA000_0000.
SR = reset_value_of_SREG;
PC = 0xA000_0000;
All other system registers are reset to their reset value, which may or may not be defined. Refer
to “Programming Model” on page 6 for details.
3.11.1.2
OCD Stop CPU Exception
The OCD Stop CPU exception is generated when the OCD Stop CPU input line to the CPU is
asserted. The OCD Stop CPU exception can not be masked by any bit. This exception is identi-
cal to a non-maskable, high priority breakpoint. Any subsequent operation is controlled by the
OCD hardware. The OCD hardware will take control over the CPU and start to feed instructions
directly into the pipeline.
RSR_DBG = SR;
RAR_DBG = PC;
SR[M2:M0] = B’110;
SR[R] = 0;
SR[J] = 0;
SR[D] = 1;
SR[DM] = 1;
SR[EM] = 1;
SR[GM] = 1;
3.11.1.3
Unrecoverable Exception
The Unrecoverable Exception is generated when an exception request is issued when the
Exception Mask (EM) bit in the status register is asserted. The Unrecoverable Exception can not
be masked by any bit. The Unrecoverable Exception is generated when a condition has
occurred that the hardware cannot handle. The system will in most cases have to be restarted if
this condition occurs.
RSR_EX = SR;
RAR_EX = PC of offending instruction;
SR[R] = 0;
SR[J] = 0;
SR[M2:M0] = B’110;
SR[EM] = 1;
SR[GM] = 1;
PC = EVBA | 0x00;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com