Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 16Page - ATMEL Corporation AVR32AP Datasheet HTML 17Page - ATMEL Corporation AVR32AP Datasheet HTML 18Page - ATMEL Corporation AVR32AP Datasheet HTML 19Page - ATMEL Corporation AVR32AP Datasheet HTML 20Page - ATMEL Corporation AVR32AP Datasheet HTML 21Page - ATMEL Corporation AVR32AP Datasheet HTML 22Page - ATMEL Corporation AVR32AP Datasheet HTML 23Page - ATMEL Corporation AVR32AP Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 181 page
background image
20
32001A–AVR32–06/06
AVR32
DLSZ
5:3
Line size in DCACHE
Value
Semantic
0
No DCACHE present
14 bytes
28 bytes
316 bytes
432 bytes
564 bytes
6
128 bytes
7
256 bytes
DASS
2:0
Associativity ofDCACHE
Value
Semantic
0
Direct mapped
12-way
24-way
38-way
416-way
532-way
664-way
7
128-way
Table 2-5.
CONFIG1 Fields (Continued)
Name
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com