Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 32Page - ATMEL Corporation AVR32AP Datasheet HTML 33Page - ATMEL Corporation AVR32AP Datasheet HTML 34Page - ATMEL Corporation AVR32AP Datasheet HTML 35Page - ATMEL Corporation AVR32AP Datasheet HTML 36Page - ATMEL Corporation AVR32AP Datasheet HTML 37Page - ATMEL Corporation AVR32AP Datasheet HTML 38Page - ATMEL Corporation AVR32AP Datasheet HTML 39Page - ATMEL Corporation AVR32AP Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 181 page
background image
36
32001A–AVR32–06/06
AVR32
3.11.1.4
TLB Multiple Hit Exception
TLB Multiple Hit exception is issued when multiple address matches occurs in the TLB, causing
an internal inconsistency.
This exception signals a critical error where the hardware is in an undefined state. All interrupts
are masked, and PC is loaded with EVBA | 0x04. MMU-related registers are updated with infor-
mation in order to identify the failing address and the failing TLB if multiple TLBs are present.
TLBEHI[ASID] is unchanged after the exception, and therefore identifies the ASID that caused
the exception.
RSR_EX = SR;
RAR_EX = PC of offending instruction;
TLBEAR = FAILING_VIRTUAL_ADDRESS;
TLBEHI[VPN] = FAILING_PAGE_NUMBER;
TLBEHI[I] = 0/1, depending on which TLB caused the error;
SR[R] = 0;
SR[J] = 0;
SR[M2:M0] = B’110;
SR[EM] = 1;
SR[GM] = 1;
PC = EVBA | 0x04;
3.11.1.5
Bus Error Exception on Data Access
The Bus Error on Data Access exception is generated when the data bus detects an error condi-
tion. This exception is caused by events unrelated to the instruction stream, or by data written to
the cache write-buffers many cycles ago. Therefore, execution can not be resumed in a safe
way after this exception. The value placed in RAR_EX is unrelated to the operation that caused
the exception. The exception handler is responsible for performing the appropriate action.
RSR_EX = SR;
RAR_EX = PC of first non-issued instruction;
SR[R] = 0;
SR[J] = 0;
SR[M2:M0] = B’110;
SR[EM] = 1;
SR[GM] = 1;
PC = EVBA | 0x08;
3.11.1.6
Bus Error Exception on Instruction Fetch
The Bus Error on Instruction Fetch exception is generated when the data bus detects an error
condition. This exception is caused by events related to the instruction stream. Therefore, exe-
cution can be restarted in a safe way after this exception, assuming that the condition that
caused the bus error is dealt with.
RSR_EX = SR;
RAR_EX = PC;
SR[R] = 0;
SR[J] = 0;
SR[M2:M0] = B’110;
SR[EM] = 1;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com