Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 75Page - ATMEL Corporation AVR32AP Datasheet HTML 76Page - ATMEL Corporation AVR32AP Datasheet HTML 77Page - ATMEL Corporation AVR32AP Datasheet HTML 78Page - ATMEL Corporation AVR32AP Datasheet HTML 79Page - ATMEL Corporation AVR32AP Datasheet HTML 80Page - ATMEL Corporation AVR32AP Datasheet HTML 81Page - ATMEL Corporation AVR32AP Datasheet HTML 82Page - ATMEL Corporation AVR32AP Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 181 page
background image
79
32001A–AVR32–06/06
AVR32
8.
Coprocessor interface
The coprocessor interface allows custom peripherals such as graphics coprocessors to be
tightly coupled to the CPU. No hazard detection is performed on coprocessor registers, so soft-
ware must schedule instructions with care so that no hazards exist.
Figure 8-1.
The coprocessor pipeline.
Command, operand and address passing to coprocessors is done via a dedicated, pipelined
bus. This bus is called the Tightly Coupled Bus (TCB), and is used by the system register inter-
face as well. Using a bus allows for easy attachment of coprocessors. The simple
synchronization between the coprocessor and the CPU allows the coprocessor clock frequency
to differ from that of the CPU.
The TCB bus is also used for transporting data to and from the external system registers.
Accesses to these registers can be performed by placing an opcode on tcb_cmd, as done for
tlbr, tlbw and tlbs.
8.1
Coprocessor pipeline
The coprocessor interface does not specify any special construction or architecture of the copro-
cessor pipelines. A coprocessor only needs to comply to the rules of the TCB. Special
handshaking signals are implemented so that the coprocessor can stall the CPU pipeline if it is
unable to reply to a request from the CPU.
8.2
TCB specification
The TCB bus is implemented as a pipelined bus in order to achieve maximum performance.
Additionaly, handshaking has been implemented so that slow coprocessors can insert the
required number of wait states. The CPU is the single master on the TCB bus, and all coproces-
sors are slaves. The coprocessors will only respond to transactions issued by the master, and
can never initiate a transfer.
Since the TCB is a pipelined bus, a bus transaction consists of an address phase and a data
transfer phase.
ID
IS
A1
A2
WB
DA
D
TCB BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com