Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 27Page - ATMEL Corporation AVR32AP Datasheet HTML 28Page - ATMEL Corporation AVR32AP Datasheet HTML 29Page - ATMEL Corporation AVR32AP Datasheet HTML 30Page - ATMEL Corporation AVR32AP Datasheet HTML 31Page - ATMEL Corporation AVR32AP Datasheet HTML 32Page - ATMEL Corporation AVR32AP Datasheet HTML 33Page - ATMEL Corporation AVR32AP Datasheet HTML 34Page - ATMEL Corporation AVR32AP Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 181 page
background image
31
32001A–AVR32–06/06
AVR32
Generally, all exceptions, including breakpoint, have the failing instruction as restart address.
This allows a fixup exception routine to correct the error and restart the instruction. Interrupts
(INT0-3, NMI) have the address of the first non-completed instruction as restart address. When
an event is accepted, the A1 stage and all upstream stages are flushed.
Branch folding complicates exception handling. If a folded instruction fails the condition check in
the A1 stage, the address of the folded instruction should be used as restart address. This is
implemented by passing the address of the folded instruction in the PC pipeline register.
When folding branches, both the branch and the folded instruction can be contaminated. How do
we determine which of the two instructions caused the exception? The fetch stage is responsible
for not folding instructions if the branch instruction is contaminated. The branch instruction can
be contaminated only due to instruction-address related exceptions, as it must already have
been decoded and recognized in order to have been placed in the BTB. This contamination is
known already in IF. If folding has occurred, it is guaranteed that the contamination was not in
the branch instruction, and it must therefore be in the folded instruction. Therefore, the folded
instruction should be restarted.
3.10.1
Event priority
Several instructions may be in the pipeline at the same time, and several events may be issued
in each pipeline stage. This implies that several pending exceptions may be in the pipeline
simultaneously. Priorities must therefore be imposed, ensuring that the correct event is serviced
first. The priority scheme obeys the following rules:
1.
If several instructions trigger events, the instruction furthest down the pipeline is ser-
viced first, even if upstream instructions have pending events of higher priority.
2.
If this instruction has several pending events, the event with the highest priority is ser-
viced first. After this event has been serviced, all pending events are cleared and the
instruction is restarted.
3.10.2
Exceptions and interrupt requests
When an event other than scall or debug request is received by the core, the following actions
are performed atomically:
1.
The pending event will not be accepted if it is masked. The I3M, I2M, I1M, I0M, EM and
GM bits in the Status Register are used to mask different events. Not all events can be
masked. A few critical events (NMI, Unrecoverable Exception, TLB Multiple Hit and Bus
Error) can not be masked. When an event is accepted, hardware automatically sets the
mask bits corresponding to all sources with equal or lower priority. This inhibits accep-
tance of other events of the same or lower priority, except for the critical events listed
above. Software may choose to clear some or all of these bits after saving the neces-
sary state if other priority schemes are desired. It is the event source’s responsability to
ensure that their events are left pending until accepted by the CPU.
2.
When a request is accepted, the Status Register and Program Counter of the current
context is stored in the Return Status Register and Return Address Register corre-
sponding to the new context. Saving the Status Register ensures that the core is
returned to the previous execution mode when the current event handling is completed.
When exceptions occur, both the EM and GM bits are set, and the application may
manually enable nested exceptions if desired by clearing the appropriate bit. Each
exception handler has a dedicated handler address, and this address uniquely identi-
fies the exception source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com