Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 82Page - ATMEL Corporation AVR32AP Datasheet HTML 83Page - ATMEL Corporation AVR32AP Datasheet HTML 84Page - ATMEL Corporation AVR32AP Datasheet HTML 85Page - ATMEL Corporation AVR32AP Datasheet HTML 86Page - ATMEL Corporation AVR32AP Datasheet HTML 87Page - ATMEL Corporation AVR32AP Datasheet HTML 88Page - ATMEL Corporation AVR32AP Datasheet HTML 89Page - ATMEL Corporation AVR32AP Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 181 page
background image
86
32001A–AVR32–06/06
AVR32
9.
OCD system
9.1
Overview
The AVR32 CPU is targeted at a wide range of 32-bit applications. The CPU can be delivered in
very different implementations in various ASIC’s, ASSP’s, and standard parts to satisfy require-
ments for low-cost as well as high-speed markets. According to the cost sensitivity and
complexity of these applications, a similar span in debug complexity must be expected. While
some users expect very simple debug features, or none at all, others will demand full-speed
trace and RTOS debug support. This also applies to the debug tools: While the simplest devel-
opment takes place on simulators and development boards, most will require basic on-chip
debug emulators, and a few will require complex emulators with full-speed trace.
To match these criteria, the AVR32 AP OCD system is designed in accordance with the Nexus
2.0 standard (IEEE-ISTO 5001™-2003), which is a highly flexible and powerful open on-chip
debug standard for 32-bit microcontrollers.
9.1.1
Features
• Nexus compliant debug solution
• OCD supports any CPU speed
• Execute debug specific CPU instructions (debug code) from program memory monitor or
external debugger
• Debug code can read and write all registers and data memory
• Debug code can communicate with debugger through the debug port
• Debug mode can be entered by external command, breakpoint instruction, or hardware
breakpoints
• Six program counter hardware breakpoints are supported
• Two data breakpoints are supported
• Breakpoints can be configured as watchpoints (flagged to the external debugger)
• Hardware breakpoints can be combined to give break on ranges
• Real-time program counter branch tracing
• Real-time data trace
• Real-time read/write access to data memory and data cache
• Real-time process trace
• ASID-specific breakpoints
9.1.2
OCD controller overview
The OCD system interfaces provides the external debugger with access to the on-chip debug
logic through the JTAG port and the Auxiliary (AUX) port, as shown in Figure 9-1. The operation
is described briefly below and in more detail in separate chapters.
9.1.2.1
Host, debugger, and emulator
At the host side, the user debugs his software using a source level debugger, which can read his
compiled and linked object code. The source level debugger accesses features in the emulator
and OCD system through an API (defined by the vendor or based on the Nexus recommenda-
tions), which constitutes the abstract interface between the source level debugger and the
emulator. The API translates high-level functions, such as setting breakpoints or reading mem-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com