Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 83Page - ATMEL Corporation AVR32AP Datasheet HTML 84Page - ATMEL Corporation AVR32AP Datasheet HTML 85Page - ATMEL Corporation AVR32AP Datasheet HTML 86Page - ATMEL Corporation AVR32AP Datasheet HTML 87Page - ATMEL Corporation AVR32AP Datasheet HTML 88Page - ATMEL Corporation AVR32AP Datasheet HTML 89Page - ATMEL Corporation AVR32AP Datasheet HTML 90Page - ATMEL Corporation AVR32AP Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 181 page
background image
87
32001A–AVR32–06/06
AVR32
ory areas, to sets of low level commands understood by the OCD controller. Certain operations
(such as reading the register file) may require running sections of debug code on the CPU,
which can also be handled in this level. The emulator translates the communication from the
host into commands transmitted to the target over the JTAG port. If trace is enabled, trace mes-
sages are transmitted from the device on the Nexus-defined auxiliary (AUX) port. The AUX port
can be scaled to the number of output pins needed to sustain the estimated bandwidth require-
ment. The Nexus protocol defines the format of the messages and signals, the pin count options
and pinout of the debug port, and the type of connector used.
Figure 9-1.
Block diagram of the OCD system (shaded) and its main connections.
9.1.2.2
Accessing the debug features
A number of blocks handle the various debug functions specified by the Nexus standard. The
emulator communicates with registers in these blocks by commands on the JTAG port, as spec-
ified by the Nexus standard. OCD registers are typically used for configuration, control, and
status information. Trace information and debug events can also generate messages to be
transmitted on the AUX port.
Registers are indexed and are accessed through Read Register and Write Register messages
from the emulator. Alternatively, they can be accessed by the CPU through mtdr and mfdr
instructions, which gives a debug monitor in the CPU access to most of the debug features in
the OCD system, as described in “OCD Register Access” on page 98.
Ho s t
OC D syste m
D e bu gg er
TA P
AU X P o r t
AV R 32AP
CP U
I- ca ch e
MMU
D-
ca ch e
Da ta b u s
Da ta T r a c e
P r ogram
Tra c e
Me m o r y
In te rfa c e
Un it
Tr a n s m itQ u eue
Flo w
Co n tr o l
Un it
OC D
co n tr o l
s i gnal s
In s t
De b u g
in s t
Bu s
Ar b ite r
H i gh Spee d Bus
Bu s
Ma s te r
Bu s
Ma s te r
Da ta A d r
B reak point U n it
W a tc hpo int
ms g
Tr i g g e r
Tr i g g e r
PC
Ow n e r s h ip
Tr a c e
Un it
O w ner s h i p
Tr a c e
M e s s age
C P U o b s e r vati o n uni ts
De b u g
Status ms g
Br anc h
Tr a c e
M e ssa g e
Da ta
Tr a c e m s g
S e r vi c e A cce s s B u s
(S A B )
CPU
ob s e r vati o
n
s i gnal s
PC
C o m p ar ator s
Da ta
C o m p ar ator s
AS ID
JTA G P o r t
Co - p r o c e s s o r
bus
Se rv ic e A c c e s s
P o rt (S A P )
N a noT r a c e
m e ssa g e s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com