Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 8Page - ATMEL Corporation AVR32AP Datasheet HTML 9Page - ATMEL Corporation AVR32AP Datasheet HTML 10Page - ATMEL Corporation AVR32AP Datasheet HTML 11Page - ATMEL Corporation AVR32AP Datasheet HTML 12Page - ATMEL Corporation AVR32AP Datasheet HTML 13Page - ATMEL Corporation AVR32AP Datasheet HTML 14Page - ATMEL Corporation AVR32AP Datasheet HTML 15Page - ATMEL Corporation AVR32AP Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 181 page
background image
12
32001A–AVR32–06/06
AVR32
lowest bit should be written to zero, making ACBA halfword aligned. Failing to do so may result
in erroneous behaviour.
CPUCR - CPU Control Register
Register controlling the configuration and behaviour of the CPU. The following fields are defined:
ECR - Exception Cause Register
This register identifies the cause of the most recently executed exception. This information may
be used to handle exceptions more efficiently in certain operating systems. The register is
updated with a value equal to the EVBA offset of the exception, shifted 2 bit positions to the
right. Only the 9 lowest bits of the EVBA offset are considered. As an example, an ITLB miss
jumps to EVBA+0x50. The ECR will then be loaded with 0x50>>2 == 0x14. The ECR register is
not loaded when a Breakpoint or OCD Stop CPU exception is taken. Note that for interrupts, the
offset is given by the autovector provided by the interrupt controller. The resulting ECR value
may therefore overlap with an ECR value used by a regular exception. This can be avoided by
choosing the autovector offsets so that no such overlaps occur.
RSR_SUP, RSR_INT0, RSR_INT1, RSR_INT2, RSR_INT3, RSR_EX, RSR_NMI - Return Sta-
tus Registers
If a request for a mode change like an interrupt request is accepted when executing in a context
C, the Status Register values in context C are automatically stored in the Return Status Register
(RSR) associated with the interrupt context I. When the execution in the interrupt state I is fin-
Table 2-3.
CPU control register
Bit
Name
Reset
Access
Description
31 -
24
COP7EN
-
COP0EN
0
Read/write
Enable bit for coprocessor 7 to coprocessor 0. The
corresponding coprocessor is enabled if this bit is written
to one by software. Can be written to one only if the
corresponding coprocessor is present in the system.
Attempting to issue a coprocessor instruction to a
coprocessor whose enable bit is cleared, will result in a
coprocessor absent exception.
5
IEE
1
Read/write
Imprecise Execution Enable. Required for various OCD
features, see Section 9. ”OCD system” on page 86. If
cleared, memory operations will require several
additional clock cycles.
4
IBE
1
Read/write
Imprecise Breakpoint Enable. Required for various OCD
features, see Section 9. ”OCD system” on page 86. If
cleared, memory operations will require an additional
clock cycle.
3
RE
1
Read/write
If set, the return stack is enabled. Disabling the return
stack will empty it, removing all entries.
2
FE
1
Read/write
If set, branch instructions can be folded with other
instructions.
1
BE
1
Read/write
If set, branch prediction is enabled.
0BI
-
Read-
0/write-1
BTB invalidate. Writing to 1 will invalidate all entries in
the BTB.
Other
-
-
Read-
0/write-0
Unused. Read as 0. Should be written as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com