Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 30Page - ATMEL Corporation AVR32AP Datasheet HTML 31Page - ATMEL Corporation AVR32AP Datasheet HTML 32Page - ATMEL Corporation AVR32AP Datasheet HTML 33Page - ATMEL Corporation AVR32AP Datasheet HTML 34Page - ATMEL Corporation AVR32AP Datasheet HTML 35Page - ATMEL Corporation AVR32AP Datasheet HTML 36Page - ATMEL Corporation AVR32AP Datasheet HTML 37Page - ATMEL Corporation AVR32AP Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 181 page
background image
34
32001A–AVR32–06/06
AVR32
Table 3-2.
Priority and handler addresses for events
Priority
Handler Address
Name
Event source
Stored Return Address
1
0xA000_0000
Reset
External input
Undefined
2
Provided by OCD system
OCD Stop CPU
OCD system
First non-completed instruction
3
EVBA+0x00
Unrecoverable exception
Internal
PC of offending instruction
4
EVBA+0x04
TLB multiple hit
Internal signal
PC of offending instruction
5
EVBA+0x08
Bus error data fetch
Data bus
First non-completed instruction
6
EVBA+0x0C
Bus error instruction fetch
Data bus
First non-completed instruction
7
EVBA+0x10
NMI
External input
First non-completed instruction
8
Autovectored
Interrupt 3 request
External input
First non-completed instruction
9
Autovectored
Interrupt 2 request
External input
First non-completed instruction
10
Autovectored
Interrupt 1 request
External input
First non-completed instruction
11
Autovectored
Interrupt 0 request
External input
First non-completed instruction
12
EVBA+0x14
Instruction Address
ITLB
PC of offending instruction
13
EVBA+0x50
ITLB Miss
ITLB
PC of offending instruction
14
EVBA+0x18
ITLB Protection
ITLB
PC of offending instruction
15
EVBA+0x1C
Breakpoint
OCD system
First non-completed instruction
16
EVBA+0x20
Illegal Opcode
Instruction
PC of offending instruction
17
EVBA+0x24
Unimplemented instruction
Instruction
PC of offending instruction
18
EVBA+0x28
Privilege violation
Instruction
PC of offending instruction
19
EVBA+0x2C
Floating-point
-
Unused in AVR32 AP
20
EVBA+0x30
Coprocessor absent
Instruction
PC of offending instruction
21
EVBA+0x100
Supervisor call
Instruction
PC(Supervisor Call) +2
22
EVBA+0x34
Data Address (Read)
DTLB
PC of offending instruction
23
EVBA+0x38
Data Address (Write)
DTLB
PC of offending instruction
24
EVBA+0x60
DTLB Miss (Read)
DTLB
PC of offending instruction
25
EVBA+0x70
DTLB Miss (Write)
DTLB
PC of offending instruction
26
EVBA+0x3C
DTLB Protection (Read)
DTLB
PC of offending instruction
27
EVBA+0x40
DTLB Protection (Write)
DTLB
PC of offending instruction
28
EVBA+0x44
DTLB Modified
DTLB
PC of offending instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com