Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 33Page - ATMEL Corporation AVR32AP Datasheet HTML 34Page - ATMEL Corporation AVR32AP Datasheet HTML 35Page - ATMEL Corporation AVR32AP Datasheet HTML 36Page - ATMEL Corporation AVR32AP Datasheet HTML 37Page - ATMEL Corporation AVR32AP Datasheet HTML 38Page - ATMEL Corporation AVR32AP Datasheet HTML 39Page - ATMEL Corporation AVR32AP Datasheet HTML 40Page - ATMEL Corporation AVR32AP Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 181 page
background image
37
32001A–AVR32–06/06
AVR32
SR[GM] = 1;
PC = EVBA | 0x0C;
3.11.1.7
NMI Exception
The NMI exception is generated when the NMI input line to the core is asserted. The NMI excep-
tion can not be masked by the SR[GM] bit. However, the core ignores the NMI input line when
processing an NMI Exception (the SR[M2:M0] bits are B’111). This guarantees serial execution
of NMI Exceptions, and simplifies the NMI hardware and software mechanisms.
Since the NMI exception is unrelated to the instruction stream, the instructions in the pipeline are
allowed to complete. After finishing the NMI exception routine, execution should continue at the
instruction following the last completed instruction in the instruction stream.
RSR_NMI = SR;
RAR_NMI = Address of first noncompleted instruction;
SR[R] = 0;
SR[J] = 0;
SR[M2:M0] = B’111;
SR[EM] = 1;
SR[GM] = 1;
PC = EVBA | 0x10;
3.11.1.8
INT3 Exception
The INT3 exception is generated when the INT3 input line to the core is asserted. The INT3
exception can be masked by the SR[GM] bit, and the SR[I3M] bit. Hardware automatically sets
the SR[I3M] bit when accepting an INT3 exception, inhibiting new INT3 requests when process-
ing an INT3 request.
The INT3 Exception handler address is calculated by adding EVBA to an interrupt vector offset
specified by an interrupt controller outside the core. The interrupt controller is responsible for
providing the correct offset.
Since the INT3 exception is unrelated to the instruction stream, the instructions in the pipeline
are allowed to complete. After finishing the INT3 exception routine, execution should continue at
the instruction following the last completed instruction in the instruction stream.
RSR_INT3 = SR;
RAR_INT3 = Address of first noncompleted instruction;
SR[R] = 0;
SR[J] = 0;
SR[M2:M0] = B’101;
SR[I3M] = 1;
SR[I2M] = 1;
SR[I1M] = 1;
SR[I0M] = 1;
PC = EVBA | INTERRUPT_VECTOR_OFFSET;
3.11.1.9
INT2 Exception
The INT2 exception is generated when the INT2 input line to the core is asserted. The INT2
exception can be masked by the SR[GM] bit, and the SR[I2M] bit. Hardware automatically sets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com