Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 86Page - ATMEL Corporation AVR32AP Datasheet HTML 87Page - ATMEL Corporation AVR32AP Datasheet HTML 88Page - ATMEL Corporation AVR32AP Datasheet HTML 89Page - ATMEL Corporation AVR32AP Datasheet HTML 90Page - ATMEL Corporation AVR32AP Datasheet HTML 91Page - ATMEL Corporation AVR32AP Datasheet HTML 92Page - ATMEL Corporation AVR32AP Datasheet HTML 93Page - ATMEL Corporation AVR32AP Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 181 page
background image
90
32001A–AVR32–06/06
AVR32
9.2
CPU Development Support
The OCD system can bring CPU into and out of Debug Mode, and control the CPU operation in
Debug Mode. The behavior is controlled by OCD register configuration, stop commands from
the debugger, or breakpoints. The OCD registers can be accessed by Nexus messages or from
the CPU as memory-mapped registers.
9.2.1
Debug Mode
Debug Mode is an execution mode dedicated to application debugging and is not intended for
running application code. Debug Mode can execute a debug code either from an external
debugger through the OCD system (OCD Mode), or from a debug routine in program memory
(Monitor Mode). The debug code will typically read out system registers and information about
the various processes running in the system before restarting.
The Nexus class 3 compliant OCD system contains breakpoint and trace modules, and other
features for debugging code on the CPU. These features are generally accessible both in OCD
Mode and Monitor Mode. In OCD Mode, the debugger accesses the features through messages
over the AUX debug port, and in Monitor Mode, the CPU accesses the features through mtdr
and mfdr instructions. The OCD system runs at system speed to stay synchronous with the CPU
at all times. If the CPU is in a low-power sleep mode, it is woken up before entering Debug
Mode.
9.2.1.1
Operations in Debug Mode
Debug Mode is characterized by the Debug (D) bit in the Status Register (SR) in the CPU.
Debug Mode is a privileged mode, and all legal instructions and memory operations are permit-
ted Illegal opcodes or memory operations which would normally cause an exception will be
ignored in Debug Mode.
The Debug Mode has a dedicated Return Address and Return Status Register (RAR_DBG and
RSR_DBG, respectively) but no other masked registers. RAR_DBG and RSR_DBG are not
observable as part of the register file, only as system registers. The register file view is mapped
according to the mode bits in the Status Register (M[2:0]). These bits are set to the exception
context when entering Debug Mode, but can be changed freely within Debug Mode by writing to
SR. In this way, different register contexts can be observed and modified, while maintaining the
execution and access privileges of Debug Mode.
Debug Mode is exited by the retd instruction, both in Monitor Mode and OCD Mode. This
restores PC from RAR_DBG and SR from RSR_DBG.
9.2.1.2
A typical debug session flow
Figure 9-2 shows an example of a typical flow in Debug Mode. A software or hardware break-
point aborts the execution of an instruction and causes Debug Mode to be entered. If the Monitor
Mode (MM) bit in the Development Control (DC) OCD register is set, Monitor Mode is entered,
and the CPU jumps to the software debug monitor starting at EVBA+0x01C. Otherwise, OCD
Mode is entered, and the CPU stalls while waiting for instructions to be entered by the external
debugger through the Debug Instruction (DINST) OCD register. In either case, the D bit in the
CPU Status Register is set during the whole debug session, giving access to all privileged oper-
ations. Any number of instructions can be executed before returning to the breakpointed
instruction by the retd instruction. RAR_DBG stores the address of the breakpointed instruction,
and manipulating RAR_DBG in Debug Mode is useful if a different return address is desired (for
instance, to avoid repeated hits on a breakpoint instruction).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com