Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 76 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 72Page - ATMEL Corporation AVR32AP Datasheet HTML 73Page - ATMEL Corporation AVR32AP Datasheet HTML 74Page - ATMEL Corporation AVR32AP Datasheet HTML 75Page - ATMEL Corporation AVR32AP Datasheet HTML 76Page - ATMEL Corporation AVR32AP Datasheet HTML 77Page - ATMEL Corporation AVR32AP Datasheet HTML 78Page - ATMEL Corporation AVR32AP Datasheet HTML 79Page - ATMEL Corporation AVR32AP Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 181 page
background image
76
32001A–AVR32–06/06
AVR32
7.3.2
Flush
The flush operation is used to reset the contents of the cache. While a flush is active, all other
operations are stalled. The parameter is used to select one of the following flush modes:
7.3.3
Lock
The lock operation will try to lock the line containing the address given by the parameter into the
cache. If the line exists in the cache, the lock bit is set. If the line does not exist in the cache, it
will be fetched from the bus and locked - even if the area is uncacheable. If any MMU exceptions
happen, the operation is silently aborted. If the requested address maps to a set with four lines
already locked, the operation is silently aborted.
7.3.4
Unlock
The unlock operation will try to unlock the line containing the address given by the parameter. If
the line exists in the cache and is locked, it is unlocked. Otherwise nothing is done. If any MMU
exceptions happen, the operation is silently aborted.
If the line referred to is still being fetched from the bus, the unlock operation will complete but the
line could be locked after the unlock completes. This is only possible if a lock is closely followed
by an unlock to the same line - in this case use the sync instruction to make sure any pending
locks are completed before the unlock is performed.
7.3.5
Invalidate
The invalidate operation will try to invalidate the line containing the address given by the param-
eter. If the line exists in the cache, it is marked as invalid. Otherwise nothing is done. If the line
has dirty data, these updates will be lost! If any MMU exceptions happen, the operation is
silently aborted.
If the line referred to is still being fetched from the bus, the invalidate operation will complete but
the line could become valid after the invalidate completes. This is only possible if a read or
prefetch is closely followed by an invalidate to the same line - in this case use the sync instruc-
tion to make sure any pending reads are completed before the invalidate is performed.
7.3.6
Clean
The invalidate operation will try to clean the line containing the address given by the parameter.
If the line exists in the cache and has dirty data, it will be written to the write buffer and marked
Table 7-2.
Flush modes
Mode
Name
Description
0
Invalidate all
All lines are invalidated and unlocked.
Dirty lines are not cleaned!
1
Invalidate unlocked
All unlocked lines are invalidated.
Dirty lines are not cleaned!
2
Clean all
All lines are cleaned, but no lines are invalidated.
3
Clean Unlocked
All unlocked lines are cleaned, but no lines are invalidated.
4
Clean & Invalidate all
All lines are cleaned, invalidated and unlocked.
5
Clean & Invalidate unlocked
All unlocked lines are cleaned and invalidated.
6
Unlock all
All locked lines are unlocked.
Others
Undefined
Should not be used - operation is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com