Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 80Page - ATMEL Corporation AVR32AP Datasheet HTML 81Page - ATMEL Corporation AVR32AP Datasheet HTML 82Page - ATMEL Corporation AVR32AP Datasheet HTML 83Page - ATMEL Corporation AVR32AP Datasheet HTML 84Page - ATMEL Corporation AVR32AP Datasheet HTML 85Page - ATMEL Corporation AVR32AP Datasheet HTML 86Page - ATMEL Corporation AVR32AP Datasheet HTML 87Page - ATMEL Corporation AVR32AP Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 181 page
background image
84
32001A–AVR32–06/06
AVR32
8.4.4
Reading data from coprocessor
There are several instructions that transfer data from coprocessors. These instructions are:
stc.d, stc.w, stcm.d, stcm.w, mvcr, mfdr and mfsr. Mfdr and mfsr are not coprocessor instruc-
tions, but use the TCB in a manner very similar to mvcr, and is therefore included here. Data can
be transferred from coprocessor registers in sizes of word and doubleword. The data transferred
from the coprocessor register file is either stored to memory or into one of the integer registers in
the CPU.
The stcm instructions behave similarly to the stm and pushm instructions. The hardware always
try to transfer a doubleword to the cache in order to speed up the data transfer. This is success-
ful if the memory pointer is doubleword aligned. Otherwise, a word access is performed first,
then the remaining transfers are performed as doubleword accesses.
The FSM in the DA stage decomposes store of multiple registers into a sequence of store of
words and doublewords. These accesses are pipelined according to the TCB rules, allowing a
bus transfer of word or doubleword per clock cycle.
A TCB slave must take special action if it was read from in the previous cycle, and
tcb_cpustalled gets asserted. In this case, the slave must continue to output the data values it
put on tcb_rdataa and tcb_rdatab in the previous cycle for as long as tcb_cpustalled is asserted,
even though a new command is present on tcb_cmd.
8.5
Timing diagrams
8.5.1
Coprocessor operation
Figure 8-2.
COP bus timing.
clock
tcb_cmd
COMMAND A
COMMAND B
COMMAND C
tcb_cpno
COP # (A)
COP # (B)
COP # (C)
tcb_cprega
CRd (A)
CRd (B)
CRd (C)
tcb_cpregb
CRx (A)
CRx (B)
CRx (C)
tcb_cpregc
CRy (A)
CRy (B)
CRy (C)
tcb_cpustalled
tcb_wdataa
tcb_wdatab
tcb_ready
tcb_rdataa
tcb_rdatab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com