Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 85Page - ATMEL Corporation AVR32AP Datasheet HTML 86Page - ATMEL Corporation AVR32AP Datasheet HTML 87Page - ATMEL Corporation AVR32AP Datasheet HTML 88Page - ATMEL Corporation AVR32AP Datasheet HTML 89Page - ATMEL Corporation AVR32AP Datasheet HTML 90Page - ATMEL Corporation AVR32AP Datasheet HTML 91Page - ATMEL Corporation AVR32AP Datasheet HTML 92Page - ATMEL Corporation AVR32AP Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 181 page
background image
89
32001A–AVR32–06/06
AVR32
running at any time, without having to interrupt the CPU or trace the program flow. This is
accomplished through Ownership Trace Messaging, in which the process ID of the running pro-
cess is reported at every process switch. The CPU writes the process ID to an OCD register in
the Ownership Trace Unit, which in turn generates an Ownership Trace Message.
9.1.2.8
Timestamps
The emulator can tag events with a timestamp when they are extracted from the OCD system
and transmitted to the emulator, to provide timing information for these events when they are
transmitted to the debug host. However, due to the delay of the transmit queue and transmit time
over the AUX port, this timing will have limited accuracy. To compensate for this, the EVTO pin
can be configured to toggle every time a message is inserted into the Transmit Queue, thus indi-
cating very precisely when each event occurs. The emulator would then store a queue of
timestamp tags with each event, and associate each tag with the corresponding message, as
they are extracted on the AUX port.
9.1.2.9
Real-time memory access
Real-time block transfers of data to or from system memory is also possible through the Memory
Interface Unit (MIU). The tool initiates these transfers by writing to OCD registers in the MIU.
Unlike the comparator units, the MIU operates on physical addresses, since no interference with
the operating system can be expected. This means that the debug software must perform the
translation between the virtual and physical address map before accessing the memory. This
mapping is typically specified through page tables located in a privileged, unmapped area of the
RAM, and can be read out by the debugger to calculate the physical address. Since the location
and format of the page table is OS specific, the debugger must be "OS aware" to employ this
feature.
The CPU can also use the MIU to perform an efficient transfer of data from user memory to the
tool, without a prior read request from the tool.
9.1.2.10
Java debug features
AVR32 AP has native support for Java bytecode programs, executing on a Java Virtual Machine
(JVM) platform. The OCD features mentioned above are also available in Java mode, enabling
the same debug support for Java programs as for C/C++/assembly programs. The JVM will
implement a debug protocol which the debugger can use to extract key information about tasks
and objects in the execution environment. Alternatively, if the format of the data structures cre-
ated by the JVM is known by the debugger, the debugger can read out all JVM and task
information by block read commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com