Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 48Page - ATMEL Corporation AVR32AP Datasheet HTML 49Page - ATMEL Corporation AVR32AP Datasheet HTML 50Page - ATMEL Corporation AVR32AP Datasheet HTML 51Page - ATMEL Corporation AVR32AP Datasheet HTML 52Page - ATMEL Corporation AVR32AP Datasheet HTML 53Page - ATMEL Corporation AVR32AP Datasheet HTML 54Page - ATMEL Corporation AVR32AP Datasheet HTML 55Page - ATMEL Corporation AVR32AP Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 181 page
background image
52
32001A–AVR32–06/06
AVR32
Figure 4-3.
The MMU interface registers
4.2.2.1
TLB Entry Register High Part - TLBEHI
The content of the TLBEHI and TLBELO registers is loaded into the TLB when the tlbw instruc-
tion is executed. The TLBEHI register consists of the following fields:
• VPN - Virtual Page Number in the TLB entry. This field contains 22 bits, but the number of
bits used depends on the page size. A page size of 1 Kb requires 22 bits, while larger page
sizes require fewer bits. When preparing to write an entry into the TLB, the virtual page
number of the entry to write should be written into VPN. When an MMU-related exception has
occurred, the virtual page number of the failing address is written to VPN by hardware.
• V - Valid. Set if the TLB entry is valid, cleared otherwise. This bit is written to 0 by a reset. If
an access to a page which is marked as invalid is attempted, an TLB Miss exception is
raised. Valid is set automatically by hardware whenever an MMU exception occurs.
• I - Instruction TLB. The I bit is set by hardware when an MMU-related exception occurs,
indicating whether the error was caused by instructions or data. All MMU operations always
use the unified TLB no matter which state the I bit is in.
• ASID - Application Space Identifier. The operating system allocates a unique ASID to each
process. This ASID is written into TLBEHI by the OS, and used in the TLB address match if
the MMU is running in Private Virtual Memory mode and the G bit of the TLB entry is cleared.
ASID is never changed by hardware.
12
VPN
ASID
G
D
0
7
10
31
TLBEHI
PFN
C
B
0
9
10
31
TLBELO
V
SZ
AP
W
I
8 765 43 2 1
PTBR
0
31
PTBR
TLBEAR
0
31
TLBEAR
DLA
E
M
0
7
8
31
MMUCR
-
DRP
-
1
-
2
13
14
20
26
19
25
I
3
98
N
4
5
S
TLBARLO
0
31
TLBARLO
-
-
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com