Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 20Page - ATMEL Corporation AVR32AP Datasheet HTML 21Page - ATMEL Corporation AVR32AP Datasheet HTML 22Page - ATMEL Corporation AVR32AP Datasheet HTML 23Page - ATMEL Corporation AVR32AP Datasheet HTML 24Page - ATMEL Corporation AVR32AP Datasheet HTML 25Page - ATMEL Corporation AVR32AP Datasheet HTML 26Page - ATMEL Corporation AVR32AP Datasheet HTML 27Page - ATMEL Corporation AVR32AP Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 181 page
background image
24
32001A–AVR32–06/06
AVR32
3.6
Load-store pipeline
The load-store (LS) pipeline is able to read or write up to two registers per clock cycle, if the data
is 64-bit aligned. The address is calculated by the A1 pipe stage for indexed and load-extracted-
index accesses, the DA stage performs all other address calculations. Thereafter the address is
passed on to the LS pipe and output to the cache, together with the data to write if the access is
a write. If the access is a read, the read data is returned from the cache in the D stage. If the
read data requires typecasting or other manipulation like performed by ldins or ldswp, this
manipulation is performed in the WB stage.
The LS pipeline also contains hardware for performing load and store multiple instructions
decoupled from the rest of the core. For such instructions, the A1 stage calculates the pointer
writeback address if needed. The load or store is then decoupled from the integer unit, and the
integer unit may execute sequential instructions if no hazards occur. Load and store of multiple
registers are performed by accessing 2 words at a time. If the first address is not 64-bit aligned,
the first access is performed as a single word. The rest of the transfer is then performed as 64 bit
accesses. The last transfer may need to be performed as a 32 bit access, depending on the
number of registers to load or store.
For code efficiency purposes, the programmer should always try to rearrange the instructions in
the code in such a way that no data stalls will occur.
3.6.1
Support for unaligned addresses
The LS pipeline is able to perform certain word-sized load and store instructions of any align-
ment, and word-aligned st.d and ld.d. Any other unaligned memory access will cause an MMU
address exception. All coprocessor memory access instructions require word-aligned pointers.
Doubleword-sized accesses with word-aligned pointers will automatically be performed as two
word-sized accesses.
The following table shows the instructions with support for unaligned addresses. All other
instructions require aligned addresses. Accessing an unaligned address may require several
clock cycles, refer to Section 10. on page 154 for details.
Table 3-1.
Instructions with unalignment support
Instruction
Supported alignment
ld.w
Any
st.w
Any
lddsp
Any
lddpc
Any
stdsp
Any
ld.d
Word
st.d
Word
All coprocessor memory access instruction
Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com