Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 99 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 95Page - ATMEL Corporation AVR32AP Datasheet HTML 96Page - ATMEL Corporation AVR32AP Datasheet HTML 97Page - ATMEL Corporation AVR32AP Datasheet HTML 98Page - ATMEL Corporation AVR32AP Datasheet HTML 99Page - ATMEL Corporation AVR32AP Datasheet HTML 100Page - ATMEL Corporation AVR32AP Datasheet HTML 101Page - ATMEL Corporation AVR32AP Datasheet HTML 102Page - ATMEL Corporation AVR32AP Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 181 page
background image
99
32001A–AVR32–06/06
AVR32
9.2.11
Runtime write access to OCD registers
The OCD registers can always be accessed by JTAG when the when the OCD system is not
enabled or the CPU is in OCD Mode. The OCD registers can also be read by JTAG at any time,
and by the CPU in any privileged mode.
When the CPU is in other modes - either running normal code, or executing in Monitor Mode -
the OCD registers can be written by JTAG as specified in Table 9-3. If the registers are
accessed in another way than specified, undefined operation may result.
The OCD Register Protect (ORP) bit in DC define the allowed write access to OCD registers in
privileged modes. If the ORP bit in DC does not allow CPU access to OCD registers in the cur-
rently executing mode, only PID and DCCPU can be written. Illegal access to the registers will
be ignored with no error reporting.
Table 9-3.
OCD Register access
Register
Can be written by JTAG
while CPU is running?
Can be written by
CPU in Monitor
Mode?
Development Control (DC)
Yes
Yes
Read/Write Access Control/Status (RWCS)
Yes
No
Read/Write Access Address (RWA)
Yes
No
Read/Write Access Data (RWD)
Yes
No
Watchpoint Trigger (WT)
Yes
Yes
Data Trace Control (DTC)
Can be written to disable /
enable trace channels.
Yes
Data Trace Start Address (DTSA) Channel 1 to
2
Can only be written while
trace channel is disabled
Yes
Data Trace End Address (DTEA) Channel 1 to
2
Can only be written while
trace channel is disabled
Yes
PC Breakpoint/Watchpoint Control (BWC)
Can be written to disable /
enable watchpoints /
breakpoints.
Yes, if SR:DM is set.
Data Breakpoint/Watchpoint Control (BWC)
Can be written to disable /
enable watchpoints /
breakpoints.
Yes, if SR:DM is set.
PC Breakpoint/Watchpoint Address (BWA)
Can only be written while
breakpoint / watchpoint is
disabled
Yes, if SR:DM is set
or breakpoint
disabled.
Data Breakpoint/Watchpoint Address (BWA)
Can only be written while
breakpoint / watchpoint is
disabled
Yes, if SR:DM is set
or breakpoint
disabled.
Breakpoint/Watchpoint Data (BWD)
Can only be written while
breakpoint / watchpoint is
disabled
Yes, if SR:DM is set
or breakpoint
disabled.
Ownership Trace Process ID (PID)
Yes
Yes
Debug Optimization Control (DOC)
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com