Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 103 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 99Page - ATMEL Corporation AVR32AP Datasheet HTML 100Page - ATMEL Corporation AVR32AP Datasheet HTML 101Page - ATMEL Corporation AVR32AP Datasheet HTML 102Page - ATMEL Corporation AVR32AP Datasheet HTML 103Page - ATMEL Corporation AVR32AP Datasheet HTML 104Page - ATMEL Corporation AVR32AP Datasheet HTML 105Page - ATMEL Corporation AVR32AP Datasheet HTML 106Page - ATMEL Corporation AVR32AP Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 181 page
background image
103
32001A–AVR32–06/06
AVR32
9.2.15
Registers
9.2.15.1
Device ID Register (DID)
The Device ID Register (DID) provides key attributes to the development tool concerning the
embedded processor. This is the same as the value returned by the JTAG ID instruction.
9.2.15.2
Nexus Configuration Register (NXCFG)
The Nexus Configuration Register (NXCFG) provides key information about the specific imple-
mentation of the CPU and OCD architecture, and the configuration of the Nexus development
features on this device. This information is static, and may be used to develop generic Nexus
debuggers which will work across a family of AVR32 devices with different Nexus configurations.
Table 9-5.
DID Register
R/W
Bit Number
Field Name
Init. Val.
Description
R
31:28
RN
Part
specific
RN - Revision Number
R
27:12
PN
Part
specific
PN - Product Number
R
11:1
MID
0x01F
Manufacturer ID
0x01F = ATMEL
R
0
Reserved
1
Reserved
This bit always reads as 1
Table 9-6.
Nexus Configuration Register
R/W
Bit Number
Field Name
Init. Val.
Description
R
31:29
Reserved
0
R28
NXDMA
0
Direct Memory Access support
0 = Not supported
1 = Supported
R
27:25
NXDTC
0
Data Trace Channels
0 = Not supported
1 = Supported
R24
NXDRT
0
Data Read Trace Support
0 = Not supported
1 = Supported
R23
NXDWT
0
Data Write Trace Support
0 = Not supported
1 = Supported
R22
NXOT
0
Ownership Trace support
0 = Not supported
1 = Supported
R
21
NXPT
0
Program Trace support
0 = Not supported
1 = Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com