Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 105 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 101Page - ATMEL Corporation AVR32AP Datasheet HTML 102Page - ATMEL Corporation AVR32AP Datasheet HTML 103Page - ATMEL Corporation AVR32AP Datasheet HTML 104Page - ATMEL Corporation AVR32AP Datasheet HTML 105Page - ATMEL Corporation AVR32AP Datasheet HTML 106Page - ATMEL Corporation AVR32AP Datasheet HTML 107Page - ATMEL Corporation AVR32AP Datasheet HTML 108Page - ATMEL Corporation AVR32AP Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 181 page
background image
105
32001A–AVR32–06/06
AVR32
9.2.15.5
Debug Communication Status Register (DCSR)
To avoid overruns the CPU must poll this register before writing a new value to DCCPU. Note
that the bits in this register are not automatically cleared in OCD mode. This allows a debugger
to update views and observe the system without accidentally modifying the DCSR register.
9.2.15.6
Development Control Register (DC)
DC is used for basic development control of the CPU.
Table 9-9.
Debug Communication Status Register
R/W
Bit Number
Field Name
Init. Val.
Description
R
31:2
Reserved
0x0000_
0000
Reserved
These bits are reserved, and will always read as 0
R/W
1
EMUD
0
Emulator Data Dirty
0 = DCEMU has not been written to since last read
from CPU.
1 = DCEMU contains a new data value.
This bit is cleared by reading DCEMU.
R/W
0
CPUD
0
CPU Data Dirty
0 = DCCPU has not been written to since last read
from emulator.
1 = DCCPU contains a new data value.
This bit is cleared by reading DCCPU.
Table 9-10.
Development Control Register
R/W
Bit Number
Field Name
Init. Val.
Description
R/W
31
ABORT
0
ABORT
Writing ABORT to one while DBE is asserted
causes the CPU to enter Debug Mode, regardless
of SR:DM and any pending exceptions. If the CPU
was in sleep mode, it will first be woken up before
entering Debug Mode. The ABORT bit is cleared
automatically when Debug Mode is entered.
S30
RES
0
RES - Application Reset
Writing this bit causes an application reset, which
will reset the CPU and other system modules. The
OCD state machines will be reset and the
Transmit Queue flushed, but the OCD control and
configuration registers will not be cleared.
R/W
29
MM
0
MM - Monitor Mode
1 = The CPU will enter Debug Mode in Monitor
Mode
0 = The CPU will enter Debug Mode in OCD Mode
Changing this bit in Debug Mode does not take
effect until the CPU enters Debug Mode the next
time.
R/W
28
ORP
0
ORP - OCD Register Protect
0 = OCD registers can be written by any privileged
CPU mode
1= OCD registers can be written only in Debug
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com