Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 107 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 107 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 103Page - ATMEL Corporation AVR32AP Datasheet HTML 104Page - ATMEL Corporation AVR32AP Datasheet HTML 105Page - ATMEL Corporation AVR32AP Datasheet HTML 106Page - ATMEL Corporation AVR32AP Datasheet HTML 107Page - ATMEL Corporation AVR32AP Datasheet HTML 108Page - ATMEL Corporation AVR32AP Datasheet HTML 109Page - ATMEL Corporation AVR32AP Datasheet HTML 110Page - ATMEL Corporation AVR32AP Datasheet HTML 111Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 181 page
background image
107
32001A–AVR32–06/06
AVR32
9.2.15.7
Development Status (DS) register
This register is used to examine the debug state of the CPU and the cause for entering Debug
Mode. Note that multiple sources may trigger Debug Mode simultaneously, causing more than
one bit to be set. The register is read-only. All bits are dynamic and do not require clearing.
11:9
Reserved
R/W
8
SS
0
SS - Single Step
If SS is written to one before exiting Debug Mode
with the retd instruction, exactly one instruction will
be executed before returning to Debug Mode. SS
stays one until written to zero by the debugger.
R/W
7:5
OVC
0
OVC[2:0] - Overrun Control
OVC controls the action taken if Branch, Data, or
Ownership trace messages are generated while
the Transmit Queue is full. Settings 111 though
100 are reserved.
000 = Generate overrun messages
001 = Delay CPU to avoid BTM and Ownership
Trace overruns
010 = Delay CPU to avoid DTM and Ownership
Trace overruns
011 = Delay CPU to avoid BTM, DTM, and
Ownership Trace overruns
111-100 = Reserved
R/W
4:3
EIC
0
EIC[1:0] - EVTI Control
The EIC bits control the action performed when
the EVTI pin on the Nexus debug port receives a
high-to-low transition. If trace is enabled, EVTI can
be configured to cause a trace synchronization
message. If Debug Mode is enabled, EVTI can be
configured to cause a breakpoint.
00 = EVTI for program and data trace
synchronization
01 = EVTI for breakpoint generation
10 = No operation
11 = Reserved
R/W
2:0
TM
0
TM[2:0] - Trace Mode
The TM bits select which trace modes are
enabled.
000 = No Trace
XX1 = OTM Enabled
X1X = DTM Enabled
1XX = BTM Enabled
If Data or Branch tracing is triggered or stopped by
a watchpoint , the DTM and BTM bits are updated
accordingly.
Table 9-10.
Development Control Register
R/W
Bit Number
Field Name
Init. Val.
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com