Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 111 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 107Page - ATMEL Corporation AVR32AP Datasheet HTML 108Page - ATMEL Corporation AVR32AP Datasheet HTML 109Page - ATMEL Corporation AVR32AP Datasheet HTML 110Page - ATMEL Corporation AVR32AP Datasheet HTML 111Page - ATMEL Corporation AVR32AP Datasheet HTML 112Page - ATMEL Corporation AVR32AP Datasheet HTML 113Page - ATMEL Corporation AVR32AP Datasheet HTML 114Page - ATMEL Corporation AVR32AP Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 181 page
background image
111
32001A–AVR32–06/06
AVR32
9.3
Debug Port
9.3.1
Overview
The OCD debug port consists of the JTAG port and the AUX port. The low bandwidth JTAG port
handles all register access, while the high bandwidth AUX port transfers all Nexus messages
from the OCD system.
The Nexus standard defines the maximum clock frequency for JTAG to be 33 MHz, and for AUX
200 MHz.
9.3.2
JTAG
Access to OCD register is done through an IEEE1149.1 JTAG-port. The JTAG TAP controller is
shared with the rest of the system. In order to enable access to OCD register the emulator must
perform the following sequence.
1.
Put the TAP controller in the state "test logic reset".
2.
Insert the OCD Instruction to prepare the Debug Port to receive OCD register access.
The OCD instruction is inserted using the IR scan path.
3.
Use the DR scan path to insert the OCD register address and operation (Read / Write).
4.
Use the DR scan path to read / write the data to / from the register.
5.
Repeat 3 through 4 for every register operation. The TAP controller will remain in OCD
mode until a test logic reset is detected.
To be able to use JTAG-based debug tools for AVR32 without adapters, it is recommended that
a circuit design using an AVR32 device should use a standard 10-pin 50-mil IDC connector with
the pinout shown in Table 9-15. The signals are described in Table 9-16.
Table 9-15.
AVR32 standard JTAG connector pinout. All directions relative to processor
Signal
Dir
Pin
Pin
Dir
Signal
TCK
In
1
2
GND
TDO
Out
3
4
Out
VREF
TMS
In
5
6
In
RESET_N
N/C
7
8
N/C
TDI
In
9
10
N/C
Table 9-16.
JTAG signals
Pin
Direction
Description
TRST_N
Input
Asynchronous reset for the TAP controller and JTAG registers
TCK
Input
Test Clock. Data is driven on falling edge, sampled on rising edge.
TMS
Input
Test Mode Select
TDI
Input
Test Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com