Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 112 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 108Page - ATMEL Corporation AVR32AP Datasheet HTML 109Page - ATMEL Corporation AVR32AP Datasheet HTML 110Page - ATMEL Corporation AVR32AP Datasheet HTML 111Page - ATMEL Corporation AVR32AP Datasheet HTML 112Page - ATMEL Corporation AVR32AP Datasheet HTML 113Page - ATMEL Corporation AVR32AP Datasheet HTML 114Page - ATMEL Corporation AVR32AP Datasheet HTML 115Page - ATMEL Corporation AVR32AP Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 181 page
background image
112
32001A–AVR32–06/06
AVR32
Figure 9-4.
JTAG TAP controller state diagram.
9.3.3
AUX port
The Auxiliary (AUX) port and messaging protocol follow the definitions of the Nexus standard.
This standard allows varying the number of signalling pins. The following configuration is
selected for AVR32 AP.
• 6 data output pins (MDO)
• 2 message start/end output pins (MSEO)
• 1 EVTO pin
• 1 EVTI pin
The configuration is based on the presumed needs for bandwidth in a system being traced at
100+ MIPS, balanced against the desire to keep debug pincount low. This configuration can be
changed in future implementations to allow for greater or smaller bandwidth over the AUX port.
TDO
Output
Test Data Out
RESET_N
Input
Device reset
VREF
Output
Reference voltage from target. Signals should be driven relative to this
voltage level.
Table 9-16.
JTAG signals
Pin
Direction
Description
Test-Logic-
Reset
Run-Test/
Idle
Select-DR
Scan
Select-IR
Scan
Capture-DR
Capture-IR
Shift-DR
Shift-IR
Exit1-DR
Exit1-IR
Pause-DR
Pause-IR
Exit2-DR
Exit2-IR
Update-DR
Update-IR
0
1
1
1
0
0
1
0
1
1
0
0
1
0
1
1
1
0
1
1
0
0
1
1
0
1
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com