Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 116 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 112Page - ATMEL Corporation AVR32AP Datasheet HTML 113Page - ATMEL Corporation AVR32AP Datasheet HTML 114Page - ATMEL Corporation AVR32AP Datasheet HTML 115Page - ATMEL Corporation AVR32AP Datasheet HTML 116Page - ATMEL Corporation AVR32AP Datasheet HTML 117Page - ATMEL Corporation AVR32AP Datasheet HTML 118Page - ATMEL Corporation AVR32AP Datasheet HTML 119Page - ATMEL Corporation AVR32AP Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 181 page
background image
116
32001A–AVR32–06/06
AVR32
This can be combined with the single or dual datarate mode, as described above. In either
case, the sampling edge will be as close to the middle of the MDO data frame as possible. The
duty cycle of the MCKO clock will stay within the 40-60 duty cycle requirement of the Nexus
standard for all settings apart from DIV=2.
9.3.3.5
Example
Figure 9-5 shows an example of transmission of a Program Trace Indirect Branch message. The
TCODE is fixed at 6 bits (=4 for PTIB), followed by a fixed-length packet (EVT-ID = 2), and a
variable-length packet (I-CNT = 63). I-CNT is stuffed with zeroes to fit the port boundary. Finally,
the variable packet U-ADDR (=5) is transmitted. Since this leading zeroes of this packet can be
truncated, it fits within a single frame.
Figure 9-5.
Example of a Nexus message transmission with single and double datarate.
9.3.3.6
Transmit queue and overruns
Messages from various sources are inserted in a Transmit Queue (TXQ), which stores a number
of frames. This queue acts as a FIFO which allows messages to be inserted more rapidly than
they can be retrieved by the emulator.
The queue holds 16 frames. If more messages are inserted than there is room for in the queue,
information will be lost, and an overrun situation occurs. The TXQ will block any more messages
from being inserted, and allow the queue to be emptied by the emulator before allowing any
more messages to be inserted. The first message to be inserted after the overrun is cleared, is
an Error message, which informs the emulator that an overrun has occurred and which types of
trace messages have been lost. After this, transmission continues as normal.
Alternatively, the user can configure the OCD to halt the CPU to prevent overruns. This can be
done selectively for different message types, and is controlled by writing to the Overrun Control
(OVC) bits in the DC register.
9.3.3.7
Trace and reset
All pending trace messages in the Transmit Queue are flushed if: the OCD is reset by a system
reset; the OCD is disabled; or an application reset is triggered by writing to the DC:RES bit.
Thus, if the CPU is reset, but not the OCD, the program flow can be observed by program trace.
However, if the debugger resets the system, the remaining messages in the queue are of no
value, and expected to be flushed.
M CKO
(D DR= 1)
M CKO
(D DR= 0)
M SEO [1 . .0]
1 1
0 0
0 1
1 1
M DO[ 5. . 0 ]
0 0 0 1 0 0
1 1 1 1 1 0
0 0 0 0 1 1
0 0 0 1 0 1
TCODE = 4
EVT-ID = 2
I-CNT = 63
U-ADDR = 5
Zero stuffing
IDLE
SOM
NORMAL
EVLP
EOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com