Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 118 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 118 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 114Page - ATMEL Corporation AVR32AP Datasheet HTML 115Page - ATMEL Corporation AVR32AP Datasheet HTML 116Page - ATMEL Corporation AVR32AP Datasheet HTML 117Page - ATMEL Corporation AVR32AP Datasheet HTML 118Page - ATMEL Corporation AVR32AP Datasheet HTML 119Page - ATMEL Corporation AVR32AP Datasheet HTML 120Page - ATMEL Corporation AVR32AP Datasheet HTML 121Page - ATMEL Corporation AVR32AP Datasheet HTML 122Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 181 page
background image
118
32001A–AVR32–06/06
AVR32
9.3.5
Registers
9.3.5.1
Auxiliary Port Control Register (AXC)
Table 9-22 shows the description of the Auxiliary Port Control Register. This register allows
greater flexibility in controlling the operation of the AUX port than specified by the Nexus stan-
dard. This includes enabling the AUX port, and controlling the speed of the clock and data
compared to the CPU clock.
Table 9-22.
AUX Port Control Register
R/W
Bit Number
Field Name
Init. Val.
Description
R
31:14
Reserved
0
Reserved
These bits are reserved, and will always read as 0
R/W
13
REXTEN
0
This bit is reserved for internal test purposes and
should be written to zero.
R/W
12
REX
0
This bit is reserved for internal test purposes and
should be written to zero.
R/W
11
LS
0
LS - Low Speed
0:AUX port runs at the same speed as the CPU
1:AUX port runs at reduced speed compared to
the CPU.
R/W
10
DDR
0
DDR - Double Data Rate
Setting this bit halves the MCKO rate so that MDO
data must be sampled on both edges of MCKO.
1 = Double data rate mode
0 = Single datarate mode
R/W
9
AXS
0
AXS - Auxiliary Port Select
0: AUX port is used for GPIO
1: AUX port is used for Nexus operation.
This bit does not need to be written in devices with
dedicated AUX pins
R/W
8
AXE
0
AXE - Auxiliary Port Enable
0: AUX port is tristated
1: AUX port is used for Nexus operation.
R
7:4
Reserved
0
Reserved
These bits are reserved, and will always read as 0
R/W
3:0
DIV
0
DIV - Division factor
If LS=1, the DIV value selects the frame rate of the
AUX port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com