Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 115 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 111Page - ATMEL Corporation AVR32AP Datasheet HTML 112Page - ATMEL Corporation AVR32AP Datasheet HTML 113Page - ATMEL Corporation AVR32AP Datasheet HTML 114Page - ATMEL Corporation AVR32AP Datasheet HTML 115Page - ATMEL Corporation AVR32AP Datasheet HTML 116Page - ATMEL Corporation AVR32AP Datasheet HTML 117Page - ATMEL Corporation AVR32AP Datasheet HTML 118Page - ATMEL Corporation AVR32AP Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 181 page
background image
115
32001A–AVR32–06/06
AVR32
Debug functionality based on the JTAG or EVTI or EVTO pins is still available even if the AUX
port is disabled.
9.3.3.2
Message protocol
The OCD System implements the Auxiliary Port Message Protocol defined in the Nexus stan-
dard. The following section is merely a summary of this protocol. For details, please see the
Nexus standard.
Messages are composed of a Start-of-Message (SOM) token, followed by one or more packets
of information, each of fixed or variable length, and ended by an End-of-Message (EOM) token.
SOM/EOM and End-of-Variable-Length-Packets (EVLP) are signalled by MSEO for transmitted
messages. Packet information is carried by the MDO pins. The number of MDO pins available is
known as the port boundary. The information carried by the MDO and MSEO pins each cycle is
known as a frame.
9.3.3.3
Message rules
MDO is valid whenever MSEO does not indicate "idle".
Fixed length packets are implicitly recognized from the message format, and are not required to
end on a port boundary. Thus, packets may also start within a port boundary if following a fixed
length packet. The end of variable length packets is identified through the MSEO pins, and to
identify the end of the packet uniquely, these packets must end on a port boundary. If neces-
sary, the packet must be stuffed with zeroes to align the end to a port boundary. Variable length
packets may be truncated by omitting leading zeroes so that the packet ends on the first possi-
ble port boundary.
• The MSEO pins behave the following way ("x" means "don’t care"):
• 0b11 followed by 0b00 indicates SOM
• 0b0x followed by 0b11 indicates EOM
• 0b00 followed by 0b01 indicates EVLP
• MSEO is 0b00 at all other clocks during transmission of a message
• MSEO is 0b11 at all clocks when idle.
9.3.3.4
Clock and frame rate
In single datarate mode (default), MDO and MSEO should be sampled by an external tool on the
rising edge of MCKO. In double datarate mode, the MCKO clock runs at half frequency, so MDO
and MSEO should be sampled on both edges of MCKO. This is configured by the Double Dat-
arate bit in the AUX Port Control Register.
It is also possible to reduce the frequency of the AUX port compared to the CPU clock by writing
the AXC:LS and AXC:DIV bits. If LS=1, the DIV value selects the frame rate of the AUX port:
f
AUX = fCPU/(DIV+1)
If LS=1 and DIV=0, f
AUX = fCPU/2.
Table 9-19.
EVTI pin reset configuration
Reset state
Description
0
Message transmission enabled
1
Message transmission disabled (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com