Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 113 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 109Page - ATMEL Corporation AVR32AP Datasheet HTML 110Page - ATMEL Corporation AVR32AP Datasheet HTML 111Page - ATMEL Corporation AVR32AP Datasheet HTML 112Page - ATMEL Corporation AVR32AP Datasheet HTML 113Page - ATMEL Corporation AVR32AP Datasheet HTML 114Page - ATMEL Corporation AVR32AP Datasheet HTML 115Page - ATMEL Corporation AVR32AP Datasheet HTML 116Page - ATMEL Corporation AVR32AP Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 181 page
background image
113
32001A–AVR32–06/06
AVR32
The AUX pins may be multiplexed with GPIO in a device. By default, the MCKO, MDO, and
MSEO pins are tristated or used as GPIO, and the Nexus functionality must be explicitly enabled
by the debugger. EVTO, EVTI, and the JTAG pins are always available to the debugger.
If the AUX pins are needed for Nexus functionality in an application, it is recommended not to
use these pins for GPIO purposes, as this can affect the signal integrity required for Nexus
operation.
The complete signal list of the AUX port is shown in Table 9-17.
Table 9-17.
Auxiliary pins
Auxiliary
pins
Width
Direct
ion
Description
MCKO
1
O
Message Clockout (MCKO) is a free-running output clock to
development tools for timing of MDO and MSEO pin functions.
MDO
6
O
Message Data Out (MDO[5:0]) are output pins used for all messages
generated by the device. In single datarate mode, external latching of
MDO shall occur on rising edge of MCKO. In double datarate mode,
external latching of MDO shall occur on both edges of MCKO.
MSEO
2
O
Message Start/End Out (MSEO[1:0]) pins indicate when a message on
the MDO pins has started, when a variable length packet has ended,
and when the message has ended. In single datarate mode, external
latching of MSEO shall occur on rising edge of MCKO. In double
datarate mode, external latching of MSEO shall occur on both edges
of MCKO.
EVTO
1
O
Event Out (EVTO) is an output pin which can be configured to toggle
every time a message is inserted into the Transmit Queue, when the
CPU entered OCD Mode, or when a breakpoint or watchpoint hit
occured, as configured by the EOS bits in the Development Control
register .
EVTI
1
I
Event In (EVTI) is an input which, when a high-to-low transition occurs,
a processor is halted (breakpoint) or program and data
synchronization messages are transmitted from the OCD controller, as
configured by the EIC bits in the Development Control register.
RESET_N
1
I
System reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com