Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 110 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 106Page - ATMEL Corporation AVR32AP Datasheet HTML 107Page - ATMEL Corporation AVR32AP Datasheet HTML 108Page - ATMEL Corporation AVR32AP Datasheet HTML 109Page - ATMEL Corporation AVR32AP Datasheet HTML 110Page - ATMEL Corporation AVR32AP Datasheet HTML 111Page - ATMEL Corporation AVR32AP Datasheet HTML 112Page - ATMEL Corporation AVR32AP Datasheet HTML 113Page - ATMEL Corporation AVR32AP Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 181 page
background image
110
32001A–AVR32–06/06
AVR32
When replacing the return instruction from Debug Mode, the CPU will see the DPC value as the
PC value for the executed instruction. The user only needs to write this register when replacing
the return instruction from OCD Mode.
9.2.15.10
CPU Control Mask Register (CPUCM)
This register prevents the OCD from overriding the operation of the CPU Control Register
(CPUCR). A value written to this register is kept until a new value is written or the OCD is reset..
Table 9-13.
Debug Program Counter
R/W
Bit Number
Field Name
Init. Val.
Description
R/W
31:0
DPC
0
DPC - Debug Program Counter
PC of the last executed instruction
Table 9-14.
CPU Control Mask Register
R/W
Bit Number
Field Name
Init. Val.
Description
R
31:6
Reserved
0
R/W
5
IEEM
0
Imprecise Execution Enable Mask
When set, the OCD will not disable imprecise
execution.
R/W
4
IBEM
0
Imprecise Breakpoint Enable Mask
When set, the OCD will not disable imprecise PC
breakpoints.
R/W
3
REM
0
Return stack Enable Mask
When set, the OCD will not disable the return
stack.
R/W
2
FEM
0
Branch Folding Enable Mask
When set, the OCD will not disable branch folding.
R/W
1
BEM
0
Branch Prediction Enable Mask
When set, the OCD will not disable branch
prediction.
R/W
0
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com