Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 106 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 102Page - ATMEL Corporation AVR32AP Datasheet HTML 103Page - ATMEL Corporation AVR32AP Datasheet HTML 104Page - ATMEL Corporation AVR32AP Datasheet HTML 105Page - ATMEL Corporation AVR32AP Datasheet HTML 106Page - ATMEL Corporation AVR32AP Datasheet HTML 107Page - ATMEL Corporation AVR32AP Datasheet HTML 108Page - ATMEL Corporation AVR32AP Datasheet HTML 109Page - ATMEL Corporation AVR32AP Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 181 page
background image
106
32001A–AVR32–06/06
AVR32
R/W
27
RID
0
RID - Run In Debug
0: Peripherals are frozen in Debug Mode
1: Peripherals keep running in Debug Mode
R/W
26
TSR
0
TSR - Trap Soft Reset
0: A soft reset event causes the CPU to be reset
1: A soft reset event causes the CPU to enter
Debug Mode.
R/W
25
TOZ
0
TOZ - Trap Opcode Zero
0: The opcode 0x0000 is executed as a normal
CPU instruction
1: The opcode 0x0000 causes entry to Debug
Mode
R/W
24
IFM
0
IFM - Ignore First Match
When written to one, a PC breakpoint on the first
instruction after exiting Debug Mode with the retd
instruction will not trigger re-entry to Debug Mode.
Typically used when returning from a program
breakpoint. This bit stays one until written to zero.
R/W
23
IRP
0
IRP - Instruction Replace
If IRP is written to one before exiting OCD Mode
with the retd instruction, the first instruction after
exiting OCD Mode will be fetched from the Debug
Instruction Register. This bit is cleared
automatically after this fetch takes place. This bit
will not have any effect if written at the same time
as RES.
R/W
22
SQA
0
SQA - Software Quality Assurance
0: Regular program trace
1: SQA enhanced program trace
R/W
21:20
EOS
0
EOS - Event Out Select
00 = No operation
01 = Emit event out when the CPU enters Debug
Mode
10 = Emit event out for breakpoints/watchpoints
11 = Emit event out for message insertion into the
TXQ
R
19:14
Reserved
R/W
13
DBE
0
DBE - Debug Enable
DBE enables Debug Mode and all debug features
in the CPU. DBE must be written to one to enable
breakpoints, debug requests, or single steps.
R/W
12
DBR
0
DBR - Debug Request
Writing DBR to one while DBE is asserted causes
the CPU to enter Debug Mode. If the CPU was in
sleep mode, it will first be woken up before
entering Debug Mode. The DBR bit is cleared
automatically when Debug Mode is entered.
Table 9-10.
Development Control Register
R/W
Bit Number
Field Name
Init. Val.
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com