Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 100Page - ATMEL Corporation AVR32AP Datasheet HTML 101Page - ATMEL Corporation AVR32AP Datasheet HTML 102Page - ATMEL Corporation AVR32AP Datasheet HTML 103Page - ATMEL Corporation AVR32AP Datasheet HTML 104Page - ATMEL Corporation AVR32AP Datasheet HTML 105Page - ATMEL Corporation AVR32AP Datasheet HTML 106Page - ATMEL Corporation AVR32AP Datasheet HTML 107Page - ATMEL Corporation AVR32AP Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 181 page
background image
104
32001A–AVR32–06/06
AVR32
9.2.15.3
Debug Communication CPU Register (DCCPU)
If the CPU wants to transmit data to the debugger tool, it writes data to the Debug Communica-
tion CPU Register using mtdr. By writing this register, a dirty bit is set in the Debug
Communication Status Register. The emulator should poll the status register and read DCCPU if
the dirty bit is set.
9.2.15.4
Debug Communication Emulator Register (DCEMU)
When the emulator writes to this register, a dirty bit is set in the Debug Communication Status
register. The CPU can poll this bit to see if DCEMU contains unread data..
R
20:17
NXMDO
6
AUX MDO pins
0 = no MDO or MSEO pins
n = n MDO pins, NXMSEO MSEO pins
R
16
NXMSEO
1
AUX MSEO pins
0 = 1 MSEO pin
1 = 2 MSEO pins
R
15:12
NXDB
2
Number of Data breakpoints
R
11:8
NXPCB
6
Number of PC breakpoints
R7:4
NXOCD
0
OCD Version
0000 = AVR32 AP OCD
Other = Reserved
R
3:0
NXARCH
0
Architecture
0000 = AVR32B
0001 = AVR32A
Other = reserved
Table 9-6.
Nexus Configuration Register
R/W
Bit Number
Field Name
Init. Val.
Description
Table 9-7.
Debug Communication CPU Register
R/W
Bit Number
Field Name
Init. Val.
Description
R/W
31:0
DATA
0x0000_
0000
Data Value
Data written by CPU
Table 9-8.
Debug Communication Emulator Register
R/W
Bit Number
Field Name
Init. Val.
Description
R/W
31:0
DATA
0x0000_
0000
Data Value
Data written by Emulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com