Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 102 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 98Page - ATMEL Corporation AVR32AP Datasheet HTML 99Page - ATMEL Corporation AVR32AP Datasheet HTML 100Page - ATMEL Corporation AVR32AP Datasheet HTML 101Page - ATMEL Corporation AVR32AP Datasheet HTML 102Page - ATMEL Corporation AVR32AP Datasheet HTML 103Page - ATMEL Corporation AVR32AP Datasheet HTML 104Page - ATMEL Corporation AVR32AP Datasheet HTML 105Page - ATMEL Corporation AVR32AP Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 181 page
background image
102
32001A–AVR32–06/06
AVR32
9.2.13.4
Imprecise breakpoints
The CPU will normally issue more instructions for execution before previous instructions are
completed. When breakpointing memory operations which cause exceptions, the exception may
already have been started. This causes the breakpoint to behave incorrectly, typically triggering
for a later instruction instead. To avoid confusion, the OCD ensures breakpoints are precise
when the OCD is enabled. This forces the CPU to delay the exception check for memory opera-
tions until a possible breakpoint has been resolved. This normally causes one cycle penalty for
memory operations.
It is possible, but not recommended, to allow imprecise breakpoints during debugging by writing
CPUCM:IBEM to one.
9.2.13.5
Imprecise execution
The AVR32 AP CPU contains logic to optimize instruction execution, which implies that instruc-
tions may complete out-of-order. In a debug context, this may lead to imprecise behavior.
Specifically, when a data breakpoint triggers, one or more instructions following the breakpoint
may have been executed. Also, when using DC:OVC to prevent data trace overruns, several
memory operations may have already been started, possibly causing an overrun situation.
For this reason, the OCD system forces the CPU to use precise execution when data break-
points are enabled or DC:OVC prevents data trace overruns. Precise execution will reduce
memory performance significantly. Imprecise execution can be kept enabled by writing
CPUCM:IEEM to one.
9.2.14
Messages
9.2.14.1
Debug Status (DEBS)
This message is output when the CPU enters or exits Debug Mode or a low-power mode. The
message is output whenever the AUX port is enabled. The STATUS field of this message con-
tains the information in the Development Status register. The field will contain these values:
• The CPU enters Debug Mode: STATUS bits indicate cause of entry to Debug Mode. DBS is
set if OCD Mode was entered.
• The CPU exits Debug Mode: STATUS = 0.
• The CPU enters a low-power mode: Only the STP bit is set, while the other bits are zero.
• The CPU exits a low-power mode: STATUS = 0
Table 9-4.
Debug Status
Debug Status Message
Packet
Size
Packet
Name
Packet
Type
Description
32
STATUS
Fixed
The contents of the Development Status register.
6TCODE
Fixed
Value = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com