Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 88Page - ATMEL Corporation AVR32AP Datasheet HTML 89Page - ATMEL Corporation AVR32AP Datasheet HTML 90Page - ATMEL Corporation AVR32AP Datasheet HTML 91Page - ATMEL Corporation AVR32AP Datasheet HTML 92Page - ATMEL Corporation AVR32AP Datasheet HTML 93Page - ATMEL Corporation AVR32AP Datasheet HTML 94Page - ATMEL Corporation AVR32AP Datasheet HTML 95Page - ATMEL Corporation AVR32AP Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 181 page
background image
92
32001A–AVR32–06/06
AVR32
9.2.2.1
Debugging a monitor code
Each execution mode has a mask bit in SR, which indicates if a request to enter that mode will
be taken or masked. The default priority of modes are reflected in these bits: When entering an
execution mode, modes of the same or lower priority are masked. Privileged modes can over-
ride the mask, to dynamically change priorities (e.g. to allow critical interrupts to be serviced).
By default, Debug Mode has priority above all other execution modes. This implies that any
supervisor or user code can be interrupted by Debug Mode. Other modes can be explicitly
unmasked by a monitor code to allow critical interrupts to be serviced. By default, Debug Mode
is masked by the Debug Mask (DM) bit in SR when executing in Monitor Mode. The Monitor
Mode can stack away the RAR_DBG and RSR_DBG and then explicitly clear the DM bit to
enable Debug Mode to be re-entered. If a debug exception occurs in Monitor Mode, the OCD
system will bring the CPU into OCD Mode, even if the MM bit is set. This allows Monitor Mode
programs to be debugged.
9.2.3
OCD Mode
If the Monitor Mode (MM) bit in the Development Control register (DC) is cleared, the CPU will
enter Debug Mode in OCD Mode. When the CPU is in OCD Mode, the Debug Status (DBS) bit
in the Development Status (DS) register is set, in addition to the D bit in SR in the CPU. OCD
Mode is similar to Monitor Mode, except that instructions are fetched from the OCD system.
OCD instructions are loaded by the debug tool by writing the opcode to the Debug Instruction
register (DINST). Once an instruction is written to DINST, the CPU will fetch it, and the Instruc-
tion Complete bit in DS (DS:INC) will be cleared until the CPU has completed the operation. The
CPU is then halted until DINST is written again.
The first instruction entered must be aligned to the MSB of DINST. A sequence of instructions
can be entered to DINST one word at a time, in the same sequence they would appear in pro-
gram memory, i.e. they do not need to be word aligned. If the upper halfword of an extended
instruction is written to the lower halfword of DINST, the lower halfword of the instruction is writ-
ten as the upper halfword of DINST in the next access. If the last instruction in a sequence is
written to the upper halfword of DINST, the lower halfword should be written with a nop opcode.
See Figure 9-3 for an illustration of a sequence of operations used to execute instructions in
OCD Mode.
Any instruction valid in Monitor Mode is also valid in OCD Mode. Memory operations can be con-
ducted without any special synchronization with external hardware.
All OCD units can be configured while the CPU executes in OCD Mode, but the following debug
features are disabled:
• PC breakpoints
• Data breakpoints
• Watchpoints
• Program Trace
• Data Trace
• Nano Trace
OCD Mode is exited by writing the retd instruction to DINST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com