Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 12Page - ATMEL Corporation AVR32AP Datasheet HTML 13Page - ATMEL Corporation AVR32AP Datasheet HTML 14Page - ATMEL Corporation AVR32AP Datasheet HTML 15Page - ATMEL Corporation AVR32AP Datasheet HTML 16Page - ATMEL Corporation AVR32AP Datasheet HTML 17Page - ATMEL Corporation AVR32AP Datasheet HTML 18Page - ATMEL Corporation AVR32AP Datasheet HTML 19Page - ATMEL Corporation AVR32AP Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 181 page
background image
16
32001A–AVR32–06/06
AVR32
2.6
Configuration Registers
Configuration registers are used to inform applications and operating systems about the setup
and configuration of the processor on which it is running. Some of the fields in the configuration
registers are fixed for all implementations using the AVR32 AP platform, while others, like the
number of sets in each cache, can be different for each implementation of the platform. Such
fields have IMPL in the Value field in the following tables. The programmer should refer to the
data sheet for the specific product in order to obtain information on IMPL fields. The AVR32
implements the following read-only configuration registers.
Figure 2-4.
Configuration Registers.
Table 2-4 shows the CONFIG0 fields.
Table 2-4.
CONFIG0 Fields
Name
Bit
Description
Processor ID
31:24
Specifies the type of processor. This allows the application to
distinguish between different processor implementations.
RESERVED
23:20
Reserved for future use.
Processor revision
19:16
Specifies the revision of the processor implementation.
AT
15:13
Architecture type
Value
Semantic
0
Unused in AVR32 AP
1
AVR32B
Other
Reserved
AR
12:10
Architecture Revision
Value
Semantic
0
Unused in AVR32 AP
1
Revision 1
Other
Reserved
Processor ID
AT
0
9
24
31
CONFIG0
76
Processor
Revision
AR
MMUT
23
16 15
13 12
10
S
IMMU SZ
ISET
26
31
CONFIG1
ILSZ
25
20 19
15
16
12
DMMU SZ
IASS
13
DSET
DLSZ
10 9
6 5
DASS
3
P O
F
5
0
J
4
2
32
D R
1
-
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com