Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 47Page - ATMEL Corporation AVR32AP Datasheet HTML 48Page - ATMEL Corporation AVR32AP Datasheet HTML 49Page - ATMEL Corporation AVR32AP Datasheet HTML 50Page - ATMEL Corporation AVR32AP Datasheet HTML 51Page - ATMEL Corporation AVR32AP Datasheet HTML 52Page - ATMEL Corporation AVR32AP Datasheet HTML 53Page - ATMEL Corporation AVR32AP Datasheet HTML 54Page - ATMEL Corporation AVR32AP Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 181 page
background image
51
32001A–AVR32–06/06
AVR32
the same physical address. In other words, the Virtual Page Number (VPN) section of the virtual
address uniquely specifies the Physical Frame Number (PFN) section in the physical address.
In private virtual memory, each process has its own virtual memory space. This is implemented
by using both the VPN and the Application Space Identifier (ASID) of the current process when
searching the TLB for a match. Each process has a unique ASID. Therefore, two different pro-
cesses accessing the same VPN won’t hit the same TLB entry, since their ASID is different.
Pages can be shared between processes in private virtual mode by setting the Global (G) bit in
the page table entry. This will disable the ASID check in the TLB search, causing the VPN sec-
tion uniquely to identify the PFN for the particular page.
4.2.2
MMU interface registers
The following registers are used to control the MMU, and provide the interface between the
MMU and the operating system. Most registers can be altered both by the application software
(by writing to them) and by hardware when an exception occurs. All the registers are mapped
into the System Register space, their addresses are presented in Section 2.5 ”System registers”
on page 10. The MMU interface registers are shown in Figure 4-3 on page 52.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com